Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4441 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4441
Description  High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4441 Datasheet(HTML) 4 Page - Linear Technology

  LTC4441 Datasheet HTML 1Page - Linear Technology LTC4441 Datasheet HTML 2Page - Linear Technology LTC4441 Datasheet HTML 3Page - Linear Technology LTC4441 Datasheet HTML 4Page - Linear Technology LTC4441 Datasheet HTML 5Page - Linear Technology LTC4441 Datasheet HTML 6Page - Linear Technology LTC4441 Datasheet HTML 7Page - Linear Technology LTC4441 Datasheet HTML 8Page - Linear Technology LTC4441 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LTC1154
4
1154fb
TYPICAL PERFORMANCE CHARACTERISTICS
Standby Supply Current
Supply Current ON
High Side Gate Voltage
Input Threshold Voltage
Drain Sense Threshold Voltage
Low Side Gate Voltage
Turn-ON Time
Turn-OFF Time
Short-Circuit Turn-OFF Delay
Time
SUPPLY VOLTAGE (V)
0
0
5
15
20
25
50
35
515
LTC1154 • TPC01
10
40
45
30
10
20
VIN = 0V
TA = 25°C
SUPPLY VOLTAGE (V)
0
0
100
300
400
500
1000
700
5
10
LTC1154 • TPC02
200
800
900
600
15
20
TA = 25°C
SUPPLY VOLTAGE (V)
0
0
6
10
12
14
24
18
5
10
LTC1154 • TPC03
8
20
22
16
15
20
SUPPLY VOLTAGE (V)
0
0.4
0.6
1.0
1.2
1.4
2.4
1.8
510
LTC1154 • TPC04
0.8
2.0
2.2
1.6
15
20
VON
VOFF
SUPPLY VOLTAGE (V)
0
50
60
80
90
100
150
120
510
70
130
140
110
15
20
SUPPLY VOLTAGE (V)
0
15
21
27
8
LTC1154 • TPC06
9
3
0
246
10
18
24
30
12
6
SUPPLY VOLTAGE (V)
0
0
100
300
400
500
1000
700
5
10
LTC1153 • TPC07
200
800
900
600
15
20
VGS = 5V
VGS = 2V
CGATE = 1000pF
SUPPLY VOLTAGE (V)
0
0
5
15
20
25
50
35
515
LTC1154 • TPC08
10
40
45
30
10
20
CGATE = 1000pF
TIME FOR VGATE < 1V
SUPPLY VOLTAGE (V)
0
0
5
15
20
25
50
35
515
LTC1154 • TPC09
10
40
45
30
10
20
CGATE = 1000pF
TIME FOR VGATE < 1V
VSEN = VS – 1V
NO EXTERNAL DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com