Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4441 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4441
Description  High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4441 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4441 Datasheet HTML 2Page - Linear Technology LTC4441 Datasheet HTML 3Page - Linear Technology LTC4441 Datasheet HTML 4Page - Linear Technology LTC4441 Datasheet HTML 5Page - Linear Technology LTC4441 Datasheet HTML 6Page - Linear Technology LTC4441 Datasheet HTML 7Page - Linear Technology LTC4441 Datasheet HTML 8Page - Linear Technology LTC4441 Datasheet HTML 9Page - Linear Technology LTC4441 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC1154
6
1154fb
BLOCK DIAGRAM
PIN FUNCTIONS
Gate Drive Pin
The gate drive pin is either driven to ground when the switch
is turned OFF or driven above the supply rail when the switch
is turned ON. This pin is a relatively high impedance when
driven above the rail (the equivalent of a few hundred kΩ).
Care should be taken to minimize any loading of this pin
by parasitic resistance to ground or supply.
Supply Pin
The supply pin of the LTC1154 serves two vital purposes.
The first is obvious: it powers the input, gate drive, regula-
tion and protection circuitry. The second purpose is less
obvious: it provides a Kelvin connection to the top of the
drain sense resistor for the internal 100mV reference.
The LTC1154 is designed to be continuously powered so
that the gate of the MOSFET is actively driven at all times.
If it is necessary to remove power from the supply pin
and then re-apply it, the input pin (or enable pin) should
be cycled a few milliseconds after the power is re-applied
to reset the input latch and protection circuitry. Also, the
input and enable pins should be isolated with 10k resistors
to limit the current flowing through the ESD protection
diodes to the supply pin.
The supply pin of the LTC1154 should never be forced
below ground as this may result in permanent damage to
the device. A 300Ω resistor should be inserted in series
with the ground pin if negative supply voltage transients
are anticipated.
Drain Sense Pin
The drain sense pin is compared against the supply pin
voltage. If the voltage at this pin is more than 100mV
below the supply pin, the input latch will be reset and the
MOSFET gate will be quickly discharged. Cycle the input,
or ENABLE input, to reset the short-circuit latch and turn
the MOSFET back on.
This pin is also a high impedance CMOS gate with ESD
protection and therefore should not be forced beyond the
power supply rails. To defeat the overcurrent protection,
short the drain sense to supply.
Some loads, such as large supply capacitors, lamps, or
motors require high inrush currents. An RC time delay
can be added between the sense resistor and the drain
sense pin to ensure that the drain sense circuitry does not
false-trigger during start-up. This time constant can be
set from a few microseconds to many seconds. However,
very long delays may put the MOSFET in risk of being
destroyed by a short-circuit condition. (see Applications
Information Section).
Status Pin
The status pin is an open-drain output which is driven
low whenever a fault condition is detected. A 51k pull-up
resistor should be connected between this output and a
logic supply. The status pins of multiple LTC1154s can be
OR’d together if independent fault sensing is not required.
No connection is required to this pin when not in use.
GATE CHARGE
AND DISCHARGE
CONTROL LOGIC
SHUTDOWN
TTL-TO-CMOS
CONVERTER
OSCILLATOR
AND CHARGE
PUMP
FAST/SLOW
GATE CHARGE
LOGIC
FAULT DETECTION
AND STATUS
OUTPUT DRIVER
100mV
REFERENCE
ANALOG SECTION
INPUT
LATCH
R
S
GATE
SHUTDOWN
DRAIN
SENSE
ONE
SHOT
TTL-TO-CMOS
CONVERTER
VOLTAGE
REGULATORS
ANALOG
DIGITAL
GND
LOW STANDBY
CURRENT
REGULATOR
INPUT
STATUS
VS
10μs
DELAY
LTC1154 • BD01
ENABLE
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com