Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS4416A Datasheet(PDF) 1 Page - Micross Components

Part # LS4416A
Description  N-Channel high frequency JFET amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

LS4416A Datasheet(HTML) 1 Page - Micross Components

  LS4416A Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed
for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Linear Integrated Systems.
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web: www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX 2N4416A 
EXCEPTIONAL GAIN (400 MHz) 
10dB (min) 
VERY LOW NOISE FIGURE (400 MHz) 
4dB (max) 
VERY LOW DISTORTION 
HIGH AC/DC SWITCH OFF‐ISOLATION 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +200°C 
Operating Junction Temperature ‐55°C to +135°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
300mW 
MAXIMUM CURRENT
Gate Current (Note 1) 
10mA 
MAXIMUM VOLTAGES 
Gate to Drain or Gate to Source ‐35V 
  
  
 
LS4416A ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage ‐35 
‐‐ 
‐‐ 
V 
IG = ‐1µA,   VDS = 0V 
VGS(off) 
Gate to Source Cutoff Voltage ‐2.5 
‐‐ 
‐6 
V 
                  VDS = 15V,   ID = 1nA 
IDSS 
Gate to Source Saturation Current 
5 
‐‐ 
15 
mA 
VDS = 15V,   VGS = 0V 
IGSS 
Gate Leakage Current 
‐‐ 
‐‐ 
‐0.1 
nA 
VGS = ‐20V,  VDS = 0V 
gfs 
Forward Transconductance 
4500 
‐‐ 
7500 
µS 
VDS = 15V,   VGS = 0V, f = 1kHz 
gos 
Output Conductance 
‐‐ 
‐‐ 
50 
µS 
Ciss 
Input Capacitance
2 
‐‐ 
‐‐ 
0.8 
pF  
VDS = 15V,   VGS = 0V, f = 1MHz 
Crss 
Reverse Transfer Capacitance
2 
‐‐ 
‐‐ 
4 
pF 
Coss 
Output Capacitance
2 
‐‐ 
‐‐ 
2 
pF 
en 
Equivalent Input Noise Voltage 
‐‐ 
6 
‐‐ 
nV/√Hz  
VDS = 10V,   VGS = 0V, f = 1kHz 
LS4416A HIGH FREQUENCY ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC 
100 Mhz 
400 Mhz 
UNITS 
CONDITIONS 
MIN 
MAX 
MIN 
MAX 
gIss 
Input Conductance 
‐‐ 
100 
‐‐ 
1000  
 
µS 
 
 
VDS = 15V,   VGS = 0V 
bIss 
Input Susceptance
2 
‐‐ 
2500 
‐‐ 
10000 
goss 
Output Conductance 
‐‐ 
75 
‐‐ 
100 
boss 
Output  Susceptance
2 
‐‐ 
1000 
‐‐ 
4000 
Gfs 
Forward Transconductance 
‐‐ 
‐‐ 
4000 
‐‐ 
Gps 
Power Gain
2 
18 
‐‐ 
10 
‐‐ 
dB 
VDS = 15V,   ID = 5mA 
NF 
Noise Figure
2 
‐‐ 
2 
‐‐ 
4 
VDS = 15V,   ID = 5mA,    RG = 1kΩ 
NOTES 
1 . Absolute maximum ratings are limiting values above which LS4416A serviceability may be impaired.  
2.  Not production tested, guaranteed by design 
The LS4416A is a N-Channel high frequency JFET amplifier
LS4416A
N-CHANNEL JFET
Linear Systems replaces discontinued Siliconix 2N4416A
The LS4416A
N-channel JFET is designed to provide
high-performance amplification at high frequencies.
The hermetically sealed TO-72 package is well suited
for military applications.
The TO-92 package provides a
lower cost commercial option
LS4416A Applications:
High-Frequency Amplifier / Mixer
Oscillator
Sample-and-Hold
Very Low Capacitance Switches
LS4416A Benefits:
Wideband High Gain
Very High System Sensitivity
High Quality of Amplification
High-Speed Switching Capability
High Low-Level Signal Amplification
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
TO-72 (Bottom View)
TO-92 (Bottom View)
Available Packages:
LS4416A in TO-72
LS4416A in TO-92
LS4416A in bare die.
Please contact Micross for full
package and die dimensions


Similar Part No. - LS4416A

ManufacturerPart #DatasheetDescription
logo
Micross Components
LS4416A MICROSS-LS4416A Datasheet
286Kb / 1P
N-Channel high frequency JFET amplifier
LS4416A MICROSS-LS4416A Datasheet
291Kb / 1P
N-Channel high frequency JFET amplifier
LS4416A_SOT-23 MICROSS-LS4416A_SOT-23 Datasheet
286Kb / 1P
N-Channel high frequency JFET amplifier
LS4416A_TO-18 MICROSS-LS4416A_TO-18 Datasheet
291Kb / 1P
N-Channel high frequency JFET amplifier
More results

Similar Description - LS4416A

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N5484 CALOGIC-2N5484 Datasheet
23Kb / 2P
N-Channel JFET High Frequency Amplifier
J308 CALOGIC-J308 Datasheet
26Kb / 2P
N-Channel JFET High Frequency Amplifier
U308 CALOGIC-U308 Datasheet
24Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Linear Integrated Syste...
2N4416 LINEAR-2N4416 Datasheet
237Kb / 2P
N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER
logo
Intersil Corporation
2N4223 INTERSIL-2N4223 Datasheet
42Kb / 1P
N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER
logo
Micross Components
LS4416_SOT-23 MICROSS-LS4416_SOT-23 Datasheet
286Kb / 1P
N-Channel high frequency JFET amplifier
LS4416_TO-72 MICROSS-LS4416_TO-72 Datasheet
301Kb / 1P
N-Channel high frequency JFET amplifier
LS4416A_SOT-23 MICROSS-LS4416A_SOT-23 Datasheet
286Kb / 1P
N-Channel high frequency JFET amplifier
logo
Calogic, LLC
J308 CALOGIC-J308_15 Datasheet
33Kb / 2P
N-Channel JFET High Frequency Amplifier
U308 CALOGIC-U308_15 Datasheet
31Kb / 2P
N-Channel JFET High Frequency Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com