Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC231 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC231
Description  FM Receiver Electronic Tuning Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC231 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC231 Datasheet HTML 1Page - Sanyo Semicon Device SVC231 Datasheet HTML 2Page - Sanyo Semicon Device SVC231 Datasheet HTML 3Page - Sanyo Semicon Device SVC231 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Silicon Diffused Junction Type Varactor Diode
FM Receiver Electronic Tuning Applications
Ordering number:ENN5527A
SVC231
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
O0899GI (KT) No.5527–1/4
0.4
0.95 0.95
1.9
2.9
0.16
0 to 0.1
2
3
1
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Package Dimensions
unit:mm
1169A
[SVC231]
Features
· Twin type varactor diode having an excellent large
input characteristic and intended for use in low-
voltage (high-voltage) FM electronic tuning applica-
tions.
· Small-sized package (CP), permitting SVC231-
applied sets to be compact and slim.
· Possible to offer the SVC231 devices in a tape reel
packaging, which facilitates automatic insertion.
· High Q.
Electrical Connection
˚C
˚C
Electrical Characteristics at Ta = 25˚C
1 : Anode
2 : Anode
3 : Cathode
SANYO : CP
Note )* : Capacitance value of one diode
Marking : RV
Anode
Anode
Cathode
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
RVR
6
1V
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
5
2
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
5
2
1
+
o
t
5
5
–
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
BV
R
)
R
B
(
IR
A
µ
0
1
=6
1V
t
n
e
r
r
u
C
e
s
r
e
v
e
RIR
VR
V
0
1
=
0
5A
n
*
e
c
n
a
t
i
c
a
p
a
C
l
a
n
i
m
r
e
t
r
e
t
n
I
V
2
CVR
z
H
M
1
=
f
,
V
0
.
2
=9
8
.
3
42
0
.
1
5F
p
V
8
CVR
z
H
M
1
=
f
,
V
0
.
8
=5
6
.
7
10
5
.
1
2F
p
r
o
t
c
a
F
y
t
il
a
u
QQ
VR
z
H
M
0
0
1
=
f
,
V
0
.
3
=0
0
1
o
i
t
a
R
e
c
n
a
t
i
c
a
p
a
CR
CV
0
.
8
C
/
V
0
.
2
C3
.
26
.
2
e
c
n
a
r
e
l
o
T
g
n
i
h
c
t
a
M
∆ m
C
VR
n
i
m
C
/
)
n
i
m
C
-
x
a
m
C
(
,
z
H
M
1
=
f
,
V
0
.
8
,
V
0
.
2
=
× 0
0
13
%


Similar Part No. - SVC231

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC230 SANYO-SVC230 Datasheet
20Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230 Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
logo
ON Semiconductor
SVC230 ONSEMI-SVC230 Datasheet
248Kb / 6P
Monolithic dual Varactor Diode
September, 2013
logo
Sanyo Semicon Device
SVC230-TB-E SANYO-SVC230-TB-E Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
logo
ON Semiconductor
SVC230-TB-E ONSEMI-SVC230-TB-E Datasheet
248Kb / 6P
Monolithic dual Varactor Diode
September, 2013
More results

Similar Description - SVC231

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC226 SANYO-SVC226 Datasheet
17Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC272 SANYO-SVC272 Datasheet
18Kb / 3P
FM Receiver Electronic Tuning Applications
SVC276 SANYO-SVC276 Datasheet
29Kb / 3P
FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230 Datasheet
20Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230_09 Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230_12 Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC270 SANYO-SVC270_12 Datasheet
435Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC272 SANYO-SVC272_12 Datasheet
411Kb / 6P
FM Receiver Electronic Tuning Applications
SVC276 SANYO-SVC276_12 Datasheet
432Kb / 6P
FM Receiver Electronic Tuning Applications
logo
ON Semiconductor
SVC720 ONSEMI-SVC720 Datasheet
89Kb / 4P
FM Receiver Electronic Tuning Applications
Jan-2011, Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com