Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC231 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SVC231
Description  FM Receiver Electronic Tuning Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC231 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SVC231 Datasheet HTML 1Page - Sanyo Semicon Device SVC231 Datasheet HTML 2Page - Sanyo Semicon Device SVC231 Datasheet HTML 3Page - Sanyo Semicon Device SVC231 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SVC231
No.5527–2/4
Address and Capacitance Value [pF]
VR=2V
VR=8V
Address
Capacitance [pF]
Address
Capacitance [pF]
22
43.89 to 45.21
82
17.65 to 18.20
23
44.93 to 46.31
83
18.03 to 18.63
24
46.03 to 47.16
84
18.46 to 19.10
25
47.45 to 48.63
85
18.92 to 19.56
26
48.34 to 49.82
86
19.38 to 20.03
27
49.52 to 51.02
87
19.85 to 20.53
88
20.35 to 21.02
89
20.84 to 21.50
C8V
82
83
84
85
86
87
88
89
22
23
C2V
24
25
26
27
SVC231 Rank Address
C -- Ta
1.04
1.03
1.02
1.01
1.00
0.99
0.98
0.97
--75
--25
--50
25
50
0
75
125
100
IT01132
VR=2V
f=1MHz
VRF=20mVrms
VR=2V
4V
6V
8V
4V
6V
8V
Ambient Temperature, Ta --
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com