Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC347 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC347
Description  Varactor Diode (IOCAP) for AM Receiver Electronic Tuning?
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC347 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC347 Datasheet HTML 1Page - Sanyo Semicon Device SVC347 Datasheet HTML 2Page - Sanyo Semicon Device SVC347 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SVC347
Ordering number : EN5816
Varactor Diode (IOCAP) for
AM Receiver Electronic Tuning
Silicon Diffused Junction Type
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
O1497GI (KOTO) No.5816-1/3
Package Dimensions
unit: mm
1291
[SVC347]
SANYO: CPH3
1 : Anode
2 : Anode
3 : Cathode
0 ‘0.1
1.9
12
3
2.9
0.15
0.4
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse voltege
VR
16
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
–55 to +125
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
Breakdown voltage
V(BR)R
IR=10µA
16
V
Reverse current (One diode)
IR
VR=9V
100
nA
Interterminal capacitance
C1V
VR=1V, f=1MHz *1
470*
535*
pF
(Capacitance value of
C6V
VR=6V, f=1MHz
55
pF
one diode)
C8V
VR=8V, f=1MHz
20
26
pF
Quality factor
Q
VR=1V, f=1MHz
200
Capacitance ratio
CR
C1V / C8V, f=1MHz
18.5
Matching tolerance *2
∆Cm
(Cmax – Cmin) / Cmin
×100
VR=1V, f=1MHz
2.5
%
VR=6V, f=1MHz
3.0
%
VR=8V, f=1MHz
3.0
%
*1 : 1MHz signal : 20mVrms
Electrical Connection
*2 : Matching tolerance between D1 and D2
* : The SVC347 is classified bosed on C1V capacitance
as shown in the table below :
Features
• Twin type varactor diode for AM electronic tuning use.
• Miniaturization and high-integration of tuner sets can be
easily achieved due to the small package.
• High capacitance ratio and high quality factor.
• Provided in a tape reel packaging.
• Surface mount type.
A09978
1:Anode
2:Anode
3:Cathode
12
D2
D1
3
(top view)
Rank
C1V (pF)
S
470 to 505
T
495 to 535


Similar Part No. - SVC347

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC341 SANYO-SVC341 Datasheet
46Kb / 3P
Varactor Diode for Receiver Electronic Tuning Use
SVC342 SANYO-SVC342 Datasheet
45Kb / 3P
Varactor Diode for AM Receiver Electronic Tuning Use
SVC343 SANYO-SVC343 Datasheet
49Kb / 3P
Varactor Diode for AM Low-Voltage Electronic Tuning
SVC344 SANYO-SVC344 Datasheet
49Kb / 3P
Varactor Diode for AM Low-Voltage Electronic Tuning
SVC345 SANYO-SVC345 Datasheet
48Kb / 3P
Varactor Diode for AM Low-Voltage Electronic Tuning
More results

Similar Description - SVC347

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC201SPA SANYO-SVC201SPA Datasheet
76Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC202 SANYO-SVC202 Datasheet
84Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC203SPA SANYO-SVC203SPA Datasheet
125Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC208 SANYO-SVC208 Datasheet
116Kb / 4P
Varactor Diode (IOCAP) for FM Low-Voltage Electronic Tuning
SVC212 SANYO-SVC212 Datasheet
48Kb / 3P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC245 SANYO-SVC245 Datasheet
29Kb / 4P
Varactor Diode (IOCAP) for FM Receiver Electronic Tuning
SVC321SPA SANYO-SVC321SPA Datasheet
87Kb / 4P
Varactor Diode (IOCAP) for AM Receiver Electronic Tuning
SVC333 SANYO-SVC333 Datasheet
105Kb / 4P
Varactor Diode (IOCAP) for AM Receiver Electronic Tuning?
SVC342 SANYO-SVC342 Datasheet
45Kb / 3P
Varactor Diode for AM Receiver Electronic Tuning Use
SVC351 SANYO-SVC351 Datasheet
45Kb / 3P
Composite Varactor Diode for AM Receiver Electronic Tuning Use
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com