Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC347 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SVC347
Description  Varactor Diode (IOCAP) for AM Receiver Electronic Tuning?
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC347 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SVC347 Datasheet HTML 1Page - Sanyo Semicon Device SVC347 Datasheet HTML 2Page - Sanyo Semicon Device SVC347 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SVC347
No.5816-2/3
–50
–25
0
25
50
75
100
125
0.94
0.96
0.98
VR=8V
3V
1V
6V
7V
5V
VR=5V
1V
6V
7V
3V
8V
1.00
1.02
1.06
1.08
1.04
Ta — ˚C
C — Ta
f=1MHz
Vrf=20mVrms
0
1
2
3
4
5
6
7
8
9
10
10
20
30
50
70
100
200
300
500
700
1000
Reverse voltage, VR – V
Inte
rte
rm
ina
l ca
pac
ita
nce
, C
L-a
xis
100
200
300
500
700
1000
2000
3000
5000
7000
10000
Q
ua
lit
y
fa
ct
or
, Q
R-
ax
is
C,Q — VR (at f=1MHz Vrf=20mVrms)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com