Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS360 Datasheet(PDF) 28 Page - Microchip Technology

Part # HCS360
Description  KEELOQ짰 Code Hopping Encoder outline and low cost,
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360 Datasheet(HTML) 28 Page - Microchip Technology

Back Button HCS360 Datasheet HTML 24Page - Microchip Technology HCS360 Datasheet HTML 25Page - Microchip Technology HCS360 Datasheet HTML 26Page - Microchip Technology HCS360 Datasheet HTML 27Page - Microchip Technology HCS360 Datasheet HTML 28Page - Microchip Technology HCS360 Datasheet HTML 29Page - Microchip Technology HCS360 Datasheet HTML 30Page - Microchip Technology HCS360 Datasheet HTML 31Page - Microchip Technology HCS360 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
HCS360
DS40152F-page 28
© 2011 Microchip Technology Inc.
TABLE 9-3:
CODE WORD TRANSMISSION TIMING PARAMETERS—PWM MODE
TABLE 9-4:
CODE WORD TRANSMISSION TIMING PARAMETERS—PWM MODE
VDD = +2.0V to 6.6V
Commercial (C):Tamb = 0
° C to +70° C
Industrial (I):Tamb = -40
° C to +85° C
Code Words Transmitted
BSEL1 = 0
BSEL0 = 0
BSEL1 = 0
BSEL0 = 1
Symbol
Characteristic
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
TE
Basic pulse element
260
400
620
130
200
310
μs
TBP
PWM bit pulse width
3
3
TE
TP
Preamble duration
31
31
TE
TH
Header duration
10
10
TE
THOP
Hopping code duration
96
96
TE
TFIX
Fixed code duration
105
105
TE
TG
Guard Time (LNGRD = 0)
17
33
TE
Total transmit time
259
275
TE
Total transmit time
67.3
103.6
160.6
35.8
55.0
85.3
ms
PWM data rate
1282
833
538
2564
1667
1075
bps
Note:
The timing parameters are not tested but derived from the oscillator clock.
VDD = +2.0V to 6.6V
Commercial (C):Tamb = 0
° C to +70° C
Industrial (I):Tamb = -40
° C to +85° C
Code Words Transmitted
BSEL1 = 1,
BSEL0 = 0
BSEL1 = 1,
BSEL0 = 1
Symbol
Characteristic
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
TE
Basic pulse element
130
200
310
65
100
155
μs
TBP
PWM bit pulse width
33
TE
TP
Preamble duration
31
31
TE
TH
Header duration
10
10
TE
THOP
Hopping code duration
96
96
TE
TFIX
Fixed code duration
105
105
TE
TG
Guard Time (LNGRD = 0)
33
65
TE
Total transmit time
275
307
TE
Total transmit time
35.8
55.0
85.3
20.0
30.7
47.6
ms
PWM data rate
2564
1667
1075
5128
3333
2151
bps
Note:
The timing parameters are not tested but derived from the oscillator clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com