Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS360 Datasheet(PDF) 15 Page - Microchip Technology

Part # HCS360
Description  KEELOQ짰 Code Hopping Encoder outline and low cost,
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360 Datasheet(HTML) 15 Page - Microchip Technology

Back Button HCS360 Datasheet HTML 11Page - Microchip Technology HCS360 Datasheet HTML 12Page - Microchip Technology HCS360 Datasheet HTML 13Page - Microchip Technology HCS360 Datasheet HTML 14Page - Microchip Technology HCS360 Datasheet HTML 15Page - Microchip Technology HCS360 Datasheet HTML 16Page - Microchip Technology HCS360 Datasheet HTML 17Page - Microchip Technology HCS360 Datasheet HTML 18Page - Microchip Technology HCS360 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
© 2011 Microchip Technology Inc.
DS40152F-page 15
HCS360
6.0
PROGRAMMING THE HCS360
When using the HCS360 in a system, the user will have
to program some parameters into the device including
the serial number and the secret key before it can be
used. The programming allows the user to input all 192
bits in a serial data stream, which are then stored inter-
nally in EEPROM. Programming will be initiated by
forcing the PWM line high, after the S3 line has been
held high for the appropriate length of time. S0 should
be held low during the entire program cycle. The S1
line on the HCS360 part needs to be set or cleared
depending on the LS bit of the memory map (Key 0)
before the key is clocked in to the HCS360. S1 must
remain at this level for the duration of the programming
cycle. The device can then be programmed by clocking
in 16 bits at a time, followed by the word’s complement
using S3 or S2 as the clock line and PWM as the data
in line. After each 16-bit word is loaded, a programming
delay is required for the internal program cycle to com-
plete. The Acknowledge can read back after the pro-
gramming delay (TWC). After the first word and its
complement have been downloaded, an automatic
bulk write is performed. This delay can take up to Twc.
At the end of the programming cycle, the device can be
verified (Figure 6-1) by reading back the EEPROM.
Reading is done by clocking the S3 line and reading the
data bits on PWM. For security reasons, it is not possi-
ble to execute a Verify function without first program-
ming the EEPROM. A Verify operation can only be
done once, immediately following the Program
cycle.
FIGURE 6-1:
Programming Waveforms
FIGURE 6-2:
Verify Waveforms
The VDD pin must be taken to ground after a program/verify cycle.
DATA
Enter Program
Mode
(Data)
(Clock)
Bit 1
Bit 2
Bit 3
Bit 14 Bit 15
Bit 16 Bit 17
T1
T2
Repeat for each word
TCLKH
TCLKL
TWC
TDS
S2/S3
Data for Word 0 (KEY_0)
Data for Word 1
TDH
Bit 0
Bit 1
Bit 2
Bit 3
Bit 14 Bit 15
S1
Bit 0
Bit 0 of Word0
Note 1: Unused button inputs to be held to ground during the entire programming sequence.
2: The VDD pin must be taken to ground after a Program/Verify cycle.
Acknowledge Pulse
DATA
(Clock)
(Data)
Note: A Verify sequence is performed only once immediately after the Program cycle.
End of Programming Cycle
Beginning of Verify Cycle
Bit 1 Bit 2
Bit 3
Bit 15
Bit 14
Bit 16 Bit 17
Bit190 Bit191
TWC
Data from Word0
TDV
S2/S3
Bit 0
Bit191
Bit190
S1
Ack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com