Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS515 Datasheet(PDF) 4 Page - Microchip Technology

Part # HCS515
Description  KEELOQ짰 Code Hopping Decoder stand-alone decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515 Datasheet(HTML) 4 Page - Microchip Technology

  HCS515_11 Datasheet HTML 1Page - Microchip Technology HCS515_11 Datasheet HTML 2Page - Microchip Technology HCS515_11 Datasheet HTML 3Page - Microchip Technology HCS515_11 Datasheet HTML 4Page - Microchip Technology HCS515_11 Datasheet HTML 5Page - Microchip Technology HCS515_11 Datasheet HTML 6Page - Microchip Technology HCS515_11 Datasheet HTML 7Page - Microchip Technology HCS515_11 Datasheet HTML 8Page - Microchip Technology HCS515_11 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
HCS515
DS40183E-page 4
© 2011 Microchip Technology Inc.
FIGURE 1-3:
BASIC OPERATION OF RECEIVER (DECODER)
NOTE: Circled numbers indicate the order of execution.
2.0
PIN ASSIGNMENT
Button Press
Information
EEPROM Array
Manufacturer Code
32 Bits of
Encrypted Data
Serial Number
Received Information
Decrypted
Synchronization
Counter
Check for
Match
Sync Counter
Serial Number
KEELOQ®
Decryption
Algorithm
1
3
4
Check for
Match
2
Perform Function
Indicated by
button press
5
Crypt Key
PIN
Decoder
Function
I/O(1)
Buffer
Type(1)
Description
1
NC
—
—
No connection
2
NC
—
—
No connection
3VDD
—
—
Power connection
4
S1
O
TTL
S1 function output
5
S0
O
TTL
S0 function output
6MCLR
I
ST
Master clear input
7
NC
—
—
No connection
8
NC
—
—
No connection
9
S_DAT
I/O
TTL
Synchronous data from controller
10
S_CLK
I
TTL
Synchronous clock from controller
11
RF_IN
I
TTL
Input from RF receiver
12
GND
—
—
Ground connection
13
NC
—
—
No connection
14
NC
—
—
No connection
Note:
P = power, I = in, O = out, and ST = Schmitt Trigger input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com