Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS515 Datasheet(PDF) 13 Page - Microchip Technology

Part # HCS515
Description  KEELOQ짰 Code Hopping Decoder stand-alone decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS515 Datasheet(HTML) 13 Page - Microchip Technology

Back Button HCS515_11 Datasheet HTML 9Page - Microchip Technology HCS515_11 Datasheet HTML 10Page - Microchip Technology HCS515_11 Datasheet HTML 11Page - Microchip Technology HCS515_11 Datasheet HTML 12Page - Microchip Technology HCS515_11 Datasheet HTML 13Page - Microchip Technology HCS515_11 Datasheet HTML 14Page - Microchip Technology HCS515_11 Datasheet HTML 15Page - Microchip Technology HCS515_11 Datasheet HTML 16Page - Microchip Technology HCS515_11 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
© 2011 Microchip Technology Inc.
DS40183E-page 13
HCS515
FIGURE 4-8:
LEARN STATUS MESSAGE AFTER FIRST TRANSMISSION
FIGURE 4-9:
LEARN STATUS MESSAGE AFTER SECOND TRANSMISSION
4.3
Stand-Alone Mode
The HCS515 decoder can also be used in stand-alone
applications. The HCS515 will activate the data line for
up to 500 ms if a valid transmission was received, and
this output can be used to drive a relay circuit. To acti-
vate learn or erase all commands, a button must be
connected to the CLK input. User feedback is indicated
on an LED connected to the S_DAT output line. If the
CLK line is pulled high, using the learn button, the LED
will switch on. After the CLK line is kept high for longer
than 2 seconds, the decoder will switch the LED line off,
indicating that learn will be entered if the button is
released. If the CLK line is kept high for another 6 sec-
onds, the decoder will activate an ERASE_ALL com-
mand.
Learn mode can be aborted by taking the clock line
high until the data line goes high (LED switches on).
During learn, the data line will give feedback to the user
and, therefore, must not be connected to the relay drive
circuitry.
Note:
The Repeat bit must be cleared in the
configuration
byte
in
Stand-alone
mode.
After taking the clock low and before a transmitter is
learned, any low-to-high change on the clock line may
terminate learn. This has learn implications when a
switch with contact bounce is used.
4.4
Erase All Command and Erase
Command
The Table 4-3 describes two versions of the Erase All
command.
Subcommand 01 can be used where a transmitter with
permanent status is implemented in the microcontroller
software. Use of subcommand 01 ensures that the
permanent transmitter remains in memory even when
all other transmitters are erased. The first transmitter
learned after any of the following events is the first
transmitter in memory and becomes the permanent
transmitter:
1.
Programming of the manufacturer’s code.
2.
Erasing of all transmitters
(subcommand 00 only).
Command Request
TCLKL
TCLKH
TACT
AB
TCLL
TDHI
TCLA
TCLH
CLK
Decoder
0
0
0
0
0
0
0
0
Status Byte
C
Data
Communications Request
TCLKL
TCLKH
TACT
AB
CII
TCLL
TDHI
TCLA
TCLH
CLK
Decoder
TX0
TX3
RX63
OVR RSLT
0
0
0
0
CNT0
CNT3
0
RX0
RX1
RX62
1
CI
Learn Status Bits
Decoded TX
DATA
TABLE 4-3:
ERASE ALL COMMAND
Command
Byte
Subcommand
Byte
Description
C3 HEX
00 HEX
Erase all
transmitters.
C3 HEX
01 HEX
Erase all transmit-
ters except 1. The
first transmitter in
memory is not
erased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com