Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS320 Datasheet(PDF) 23 Page - Microchip Technology

Part # HCS320
Description  KEELOQ짰 Code Hopping Encoder Automatic code word completion
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS320 Datasheet(HTML) 23 Page - Microchip Technology

Back Button HCS320 Datasheet HTML 19Page - Microchip Technology HCS320 Datasheet HTML 20Page - Microchip Technology HCS320 Datasheet HTML 21Page - Microchip Technology HCS320 Datasheet HTML 22Page - Microchip Technology HCS320 Datasheet HTML 23Page - Microchip Technology HCS320 Datasheet HTML 24Page - Microchip Technology HCS320 Datasheet HTML 25Page - Microchip Technology HCS320 Datasheet HTML 26Page - Microchip Technology HCS320 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
© 2011 Microchip Technology Inc.
DS41097D-page 23
HCS320
9.0
ELECTRICAL CHARACTERISTICS
TABLE 9-1:
ABSOLUTE MAXIMUM RATINGS
TABLE 9-2:
DC CHARACTERISTICS
Symbol
Item
Rating
Units
VDD
Supply voltage
-0.3 to 13.3
V
VIN
Input voltage
-0.3 to 13.3
V
VOUT
Output voltage
-0.3 to VDD + 0.3
V
IOUT
Max output current
25
mA
TSTG
Storage temperature
-55 to +125
°C (Note)
TLSOL
Lead soldering temp
300
°C (Note)
VESD
ESD rating
4000
V
Note:
Stresses above those listed under “ABSOLUTE MAXIMUM RATINGS” may cause permanent damage to
the device.
Commercial(C):Tamb = 0°C to +70°C
Industrial(I):Tamb = -40°C to +85°C
3.5V < VDD < 13.0V
Parameter
Sym.
Min
Typ*
Max
Unit
Conditions
Operating current (avg)
ICC
0.6
2.0
10.0
1.0
3.0
15.0
mA
VDD = 3.5V
VDD = 6.6V
VDD = 13.0V
(Figure 9-1)
Standby current
ICCS
110
μA
High level Input voltage
VIH
0.4 VDD
VDD+
0.3
V
Low level input voltage
VIL
-0.3
0.15 VDD
V
High level output voltage
VOH
0.5 VDD
VIOH = -2 mA
Low level output voltage
VOL
0.11 VDD
VIOL = 2 mA
LED sink current
ILED
5.0
11.0
6.5
14
9.0
20
mA
VDD = 6.6V
VDD = 13.0V
Pull-down Resistance;
S0,S1,S2, SHIFT
RS0-3
40
60
80
K
Ω
VIN = 4.0V
Pull-down Resistance;
PWM
RPWM
80
120
160
K
Ω
VIN = 4.0V
Note:
Typical values are at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com