Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS320 Datasheet(PDF) 1 Page - Microchip Technology

Part # HCS320
Description  KEELOQ짰 Code Hopping Encoder Automatic code word completion
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS320 Datasheet(HTML) 1 Page - Microchip Technology

  HCS320 Datasheet HTML 1Page - Microchip Technology HCS320 Datasheet HTML 2Page - Microchip Technology HCS320 Datasheet HTML 3Page - Microchip Technology HCS320 Datasheet HTML 4Page - Microchip Technology HCS320 Datasheet HTML 5Page - Microchip Technology HCS320 Datasheet HTML 6Page - Microchip Technology HCS320 Datasheet HTML 7Page - Microchip Technology HCS320 Datasheet HTML 8Page - Microchip Technology HCS320 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
© 2011 Microchip Technology Inc.
DS41097D-page 1
HCS320
FEATURES
Security
• Programmable 28-bit serial number
• Programmable 64-bit encryption key
• Each transmission is unique
• 66-bit transmission code length
• 32-bit hopping code
• 34-bit fixed code (28-bit serial number,
4-bit function code, 2-bit status)
• Encryption keys are read protected
Operating
• 3.5V - 13.0V operation
• Shift key and three inputs
• 16 functions available
• Selectable baud rate
• Automatic code word completion
• Battery low signal transmitted to receiver
• Battery low indication on LED
• Non-volatile synchronization data
Other
• Easy-to-use programming interface
• On-chip EEPROM
• On-chip oscillator and timing components
• Button inputs have internal pull-down resistors
• Current limiting on LED output
• Low external component cost
Typical Applications
The HCS320 is ideal for Remote Keyless Entry (RKE)
applications. These applications include:
• Automotive RKE systems
• Automotive alarm systems
• Automotive immobilizers
• Gate and garage door openers
• Identity tokens
• Burglar alarm systems
DESCRIPTION
The HCS320 from Microchip Technology Inc. is a code
hopping encoder designed for secure Remote Keyless
Entry (RKE) systems. The HCS320 utilizes the code
hopping technology which incorporates high security, a
small package outline, and low cost, to make this
device a perfect solution for unidirectional remote key-
less entry systems and access control systems.
PACKAGE TYPES
HCS320 BLOCK DIAGRAM
The HCS320 combines a 32-bit hopping code gener-
ated by a nonlinear encryption algorithm, with a 28-bit
serial number and six status bits to create a 66-bit
transmission stream. The length of the transmission
eliminates the threat of code scanning and the code
hopping mechanism makes each transmission unique,
thus rendering code capture and resend (code grab-
bing) schemes useless.
1
2
3
4
8
7
6
5
S0
S1
S2
SHIFT
VDD
LED
PWM
VSS
PDIP, SOIC
VSS
VDD
Oscillator
RESET circuit
LED driver
Controller
Power
latching
and
switching
Button input port
32-bit shift register
Encoder
EEPROM
PWM
LED
SHIFT S2
S1 S0
KEELOQ® Code Hopping Encoder


Similar Part No. - HCS320

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
KEELOQ Code Hopping Encoder
2001
HCS320 MICROCHIP-HCS320 Datasheet
395Kb / 28P
Memory Programming Specification
2004
More results

Similar Description - HCS320

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS410 MICROCHIP-HCS410_01 Datasheet
481Kb / 36P
KEELOQ짰 Code Hopping Encoder and Transponder
2001
HCS512 MICROCHIP-HCS512_02 Datasheet
317Kb / 26P
KEELOQ짰 Code Hopping Decoder
2002
HCS360 MICROCHIP-HCS360_01 Datasheet
421Kb / 28P
KEELOQ짰 Code Hopping Encoder
2001
HCS200 MICROCHIP-HCS200_11 Datasheet
728Kb / 34P
KEELOQ짰 Code Hopping Encoder 32-bit hopping code
2011
HCS361 MICROCHIP-HCS361_11 Datasheet
814Kb / 42P
KEELOQ짰 Code Hopping Encoder incorporates high security,
2011
HCS360 MICROCHIP-HCS360_11 Datasheet
800Kb / 40P
KEELOQ짰 Code Hopping Encoder outline and low cost,
2011
HCS362 MICROCHIP-HCS362_11 Datasheet
867Kb / 46P
KEELOQ짰 Code Hopping Encoder Non-volatile synchronization data
2011
HCS201 MICROCHIP-HCS201_11 Datasheet
707Kb / 36P
KEELOQ짰 Code Hopping Encoder 34-bit fixed code (28-bit serial number
2011
HCS370 MICROCHIP-HCS370_11 Datasheet
956Kb / 42P
KEELOQ짰 Code Hopping Encoder Four selectable baud rates
2011
HCS500 MICROCHIP-HCS500_15 Datasheet
529Kb / 42P
KEELOQ짰 Code Hopping Decoder
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com