Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS201 Datasheet(PDF) 7 Page - Microchip Technology

Part # HCS201
Description  KEELOQ짰 Code Hopping Encoder 34-bit fixed code (28-bit serial number
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS201 Datasheet(HTML) 7 Page - Microchip Technology

Back Button HCS201_11 Datasheet HTML 3Page - Microchip Technology HCS201_11 Datasheet HTML 4Page - Microchip Technology HCS201_11 Datasheet HTML 5Page - Microchip Technology HCS201_11 Datasheet HTML 6Page - Microchip Technology HCS201_11 Datasheet HTML 7Page - Microchip Technology HCS201_11 Datasheet HTML 8Page - Microchip Technology HCS201_11 Datasheet HTML 9Page - Microchip Technology HCS201_11 Datasheet HTML 10Page - Microchip Technology HCS201_11 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
© 2011 Microchip Technology Inc.
DS41098D-page 7
HCS201
3.3
Reserved
Must be initialized to 0000H.
3.4
SER_0, SER_1
(Encoder Serial Number)
SER_0 and SER_1 are the lower and upper words of
the device serial number, respectively. Although there
are 32 bits allocated for the serial number, only the
lower order 28 bits are transmitted. The serial number
is meant to be unique for every transmitter.
3.5
SEED_0, SEED_1 (Seed Word)
The 2-word (32-bit) seed code will be transmitted when
all three buttons are pressed at the same time (see
Figure 4-2). This allows the system designer to imple-
ment the secure learn feature or use this fixed code
word as part of a different key generation/tracking pro-
cess.
TABLE 3-2:
DISCRIMINATION WORD
3.6
DISC
(Discrimination Word)
The discrimination value aids the post-decryption
check on the decoder end. It may be any value, but in
a typical system it will be programmed as the 12 Least
Significant bits of the serial number. Values other than
this must be separately stored by the receiver when a
transmitter is learned. The discrimination bits are part
of the information that form the encrypted portion of
the transmission (Figure 4-2). After the receiver has
decrypted a transmission, the discrimination bits are
checked against the receiver’s stored value to verify
that the decryption process was valid. If the discrimi-
nation value was programmed as the 12 LSb’s of the
serial number then it may merely be compared to the
respective bits of the received serial number; saving
EEPROM space.
3.7
CONFIG
(Configuration Word)
The Configuration Word is a 16-bit word stored in
EEPROM array that is used by the device to store infor-
mation used during the encryption process, as well as
the status of option configurations. Further explana-
tions of each of the bits are described in the following
sections.
TABLE 3-3:
CONFIGURATION WORD
3.7.1
OSCILLATOR TUNING BITS
(OSC0 AND OSC3)
These bits are used to tune the frequency of the
HCS201 internal clock oscillator to within ±10% of its
nominal value over temperature and voltage.
3.7.2
LOW VOLTAGE TRIP POINT
SELECT (VLOWS)
The low voltage trip point select bit (VLOWS) and the S3
setting bit (S3SET) are used to determine when to send
the VLOW signal to the receiver.
* See also Section 3.7.6
Bit Number
Bit Description
0
Discrimination Bit 0
1
Discrimination Bit 1
2
Discrimination Bit 2
3
Discrimination Bit 3
4
Discrimination Bit 4
5
Discrimination Bit 5
6
Discrimination Bit 6
7
Discrimination Bit 7
8
Discrimination Bit 8
9
Discrimination Bit 9
10
Discrimination Bit 10
11
Discrimination Bit 11
12
Not Used
13
Not Used
14
Not Used
15
Not Used
Bit Number
Bit Name
0OSC0
1OSC1
2OSC2
3OSC3
4VLOWS
5BRS
6MTX4
7
TXEN
8
S3SET
9
XSER
10
Not Used
11
Not Used
12
Not Used
13
Not Used
14
Not Used
15
Not Used
TABLE 3-4:
TRIP POINT SELECT
VLOWS
S3SET*
Trip Point
00
4.4
01
4.4
10
9
11
6.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com