Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS201 Datasheet(PDF) 11 Page - Microchip Technology

Part # HCS201
Description  KEELOQ짰 Code Hopping Encoder 34-bit fixed code (28-bit serial number
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS201 Datasheet(HTML) 11 Page - Microchip Technology

Back Button HCS201_11 Datasheet HTML 7Page - Microchip Technology HCS201_11 Datasheet HTML 8Page - Microchip Technology HCS201_11 Datasheet HTML 9Page - Microchip Technology HCS201_11 Datasheet HTML 10Page - Microchip Technology HCS201_11 Datasheet HTML 11Page - Microchip Technology HCS201_11 Datasheet HTML 12Page - Microchip Technology HCS201_11 Datasheet HTML 13Page - Microchip Technology HCS201_11 Datasheet HTML 14Page - Microchip Technology HCS201_11 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
© 2011 Microchip Technology Inc.
DS41098D-page 11
HCS201
5.0
SPECIAL FEATURES
5.1
Code Word Completion
The code word completion feature ensures that entire
code words are transmitted, even if the button is
released before the code word is complete. If the but-
ton is held down beyond the time for one code word,
multiple code words will result. If another button is acti-
vated during a transmission, the active transmission
will be aborted and a new transmission will begin using
the new button information.
5.2
VLOW: Voltage LOW Indicator
The VLOW bit is transmitted with every transmission
(Figure 9-4) and will be transmitted as a one if the
operating voltage has dropped below the low voltage trip
point. The trip point is selectable based on the battery
voltage being used. See Section 3.7.2 for a description
of how the low voltage select option is set. This VLOW
signal is transmitted so the receiver can give an audible
signal to the user that the transmitter battery is low.
5.3
Auto-Shutoff
The auto-shutoff function automatically stops the device
from transmitting if a button inadvertently gets pressed
for a long period of time. This will prevent the device from
draining the battery if a button gets pressed while the
transmitter is in a pocket or purse. Time-out period is TTO.
5.4
Seed Transmission
In order to increase the level of security in a system, it
is possible for the receiver to implement what is known
as a secure learn function. This can be done by utilizing
the seed value stored in EEPROM, transmitted only
when all three button inputs are pressed at the same
time (Table 5-1). Instead of the normal key generation
inputs being used to create the crypt key, this seed
value is used.
TABLE 5-1:
PIN ACTIVATION TABLE
5.5
Blank Alternate Code Word
Federal Communications Commission (FCC) part 15
rules specify the limits on worst case average funda-
mental power and harmonics that can be transmitted in
a 100 ms window. For FCC approval purposes, it may
therefore be advantageous to minimize the transmis-
sion duty cycle. This can be achieved by minimizing the
duty cycle of the individual bits as well as by blanking
out consecutive code words. Blank Alternate Code
Word (BACW) may be used to reduce the average
power of a transmission by transmitting only every sec-
ond code word (Figure 5-1). This is a selectable feature
that is determined in conjunction with the baud rate
selection bit BSL0.
Enabling the BACW option may likewise allow the user
to transmit a higher amplitude transmission as the time
averaged power is reduced. BACW effectively halves
the RF on time for a given transmission so the RF out-
put power could theoretically be doubled while main-
taining the same time averaged output power.
FIGURE 5-1:
BLANK ALTERNATE CODE WORD (BACW)
Function
S2
S1
S0
Standby
0
00
0
Hopping Code
1
00
1
2
01
0
-
--
-
5
10
1
6
11
0
Seed Code
7
11
1
Code Word
BRS = 0
BRS = 1
A
2A
Time
Code Word
Code Word
Code Word
Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com