Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362G Datasheet(PDF) 43 Page - Microchip Technology

Part # RFHCS362G
Description  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362G Datasheet(HTML) 43 Page - Microchip Technology

Back Button RFHCS362G_11 Datasheet HTML 39Page - Microchip Technology RFHCS362G_11 Datasheet HTML 40Page - Microchip Technology RFHCS362G_11 Datasheet HTML 41Page - Microchip Technology RFHCS362G_11 Datasheet HTML 42Page - Microchip Technology RFHCS362G_11 Datasheet HTML 43Page - Microchip Technology RFHCS362G_11 Datasheet HTML 44Page - Microchip Technology RFHCS362G_11 Datasheet HTML 45Page - Microchip Technology RFHCS362G_11 Datasheet HTML 46Page - Microchip Technology RFHCS362G_11 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
© 2011 Microchip Technology Inc.
DS41189B-page 43
rfHCS362G/362F
FIGURE 10-1:
POWER-UP AND TRANSMIT TIMING
TABLE 10-2:
POWER-UP AND TRANSMIT TIMING REQUIREMENTS(3)
VDD = +2.0 to 6.3V
Industrial(I):TAMB = -40
° C to +85 ° C
Parameter
Symbol
Min.
Typical
Max.
Unit
Remarks
Transmit delay from button detect
TTD
26
30
40
ms
(Note 1)
Debounce delay
TDB
18
20
22
ms
—
Auto-shutoff time-out period (TIMO=10)
TTO
23.4
25.6
28.16
s
(Note 2)
Button press to RFEN
TPU
20
26
38
ms
—
RFEN to code word
TPLL
246
ms
—
LED on after key press
TLED
25
—
45
ms
—
Time to terminate code word from previous
button press
TTP
—
—
10 ms
—
—
Note 1: Transmit delay maximum value if the previous transmission was successfully transmitted.
2: The Auto-shutoff time-out period is not tested.
3: These values are characterized but not tested
SN
TDB
DATA
TTD
TTO
Code Word
1
Code Word
2
Code Word
3
Code Word
n
TTP
Button Press
Detect
RFEN
LED
TPLL
TLED
1 TE
Code Word from previous button press



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com