Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHCS362G Datasheet(PDF) 44 Page - Microchip Technology

Part # RFHCS362G
Description  KEELOQ짰 Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362G Datasheet(HTML) 44 Page - Microchip Technology

Back Button RFHCS362G_11 Datasheet HTML 40Page - Microchip Technology RFHCS362G_11 Datasheet HTML 41Page - Microchip Technology RFHCS362G_11 Datasheet HTML 42Page - Microchip Technology RFHCS362G_11 Datasheet HTML 43Page - Microchip Technology RFHCS362G_11 Datasheet HTML 44Page - Microchip Technology RFHCS362G_11 Datasheet HTML 45Page - Microchip Technology RFHCS362G_11 Datasheet HTML 46Page - Microchip Technology RFHCS362G_11 Datasheet HTML 47Page - Microchip Technology RFHCS362G_11 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
rfHCS362G/362F
DS41189B-page 44
© 2011 Microchip Technology Inc.
TABLE 10-3:
PROGRAMMING/VERIFY TIMING REQUIREMENTS
FIGURE 10-2:
PWM DATA FORMAT (MOD = 0)
VDD = 5.0 ± 10%
25°C ± 5°C
Parameter
Symbol
Min.
Typical
Max.
Unit
Remarks
Program mode setup time
TPS
3.5
—
4.5
ms
Hold time 1
TPH13.5
—
—
ms
Hold time 2
TPH250
—
—
μs
Bulk Write time
TPBW
4.0
—
—
ms
Program delay time
TPROG
4.0
—
—
ms
Program cycle time
TWC
50
—
—
ms
Clock low time
TCLKL
50
—
—
μs
Clock high time
TCLKH
50
—
—
μs
Data setup time
TDS
0—
—
μs
Data hold time
TDH
30
—
μs
Data out valid time
TDV
——
30
μs
Bit 0 Bit 1
Header
Bit 30 Bit 31 Bit 32 Bit 33 Bit 58 Bit 59
Fixed Portion of Transmission
Encrypted Portion
Guard
LSB
LSB
MSB
MSB S3
S0
S1
S2
VLOW CRC0 CRC1
Time
Serial Number
Function Code
Status
Bit 60 Bit 61 Bit 62 Bit 63 Bit 64 Bit 65
CRC/TIME
Bit 66
QUEUE
Q0
Q1
Bit 67 Bit 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com