Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST405_PDIP Datasheet(PDF) 1 Page - Micross Components

Part # SST405_PDIP
Description  a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

SST405_PDIP Datasheet(HTML) 1 Page - Micross Components

  SST405_PDIP Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
LOW DRIFT 
| V GS1‐2 / T| = 10µV/°C TYP. 
LOW NOISE 
en = 6nV/Hz @ 10Hz TYP. 
LOW PINCHOFF 
Vp = 2.5V TYP. 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +150°C 
Operating Junction Temperature 
+150°C 
Maximum Voltage and Current for Each Transistor – Note 1 
‐VGSS 
Gate Voltage to Drain or Source 
50V 
‐VDSO 
Drain to Source Voltage 
50V 
‐IG(f) 
Gate Forward Current 
10mA 
Maximum Power Dissipation 
Device Dissipation @ Free Air – Total                 300mW 
 
MATCHING CHARACTERISTICS @ 25°C UNLESS OTHERWISE NOTED
SYMBOL 
CHARACTERISTICS 
VALUE 
UNITS 
CONDITIONS 
| V GS1‐2 / T| max. 
DRIFT VS. 
TEMPERATURE 
40 
µV/°C 
VDG=10V, ID=200µA 
TA=‐55°C to +125°C 
| V GS1‐2 | max. 
OFFSET VOLTAGE 
20 
mV 
VDG=10V, ID=200µA 
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVGSS 
Breakdown Voltage 
50 
60 
‐‐ 
V 
VDS = 0                  ID=1nA 
BVGGO 
Gate‐To‐Gate Breakdown 
±50 
‐‐ 
‐‐ 
V 
      I G= 1nA               ID= 0               IS= 0 
 
YfSS 
TRANSCONDUCTANCE 
Full Conduction 
 
2000 
 
‐‐ 
 
7000 
 
µmho 
 
VDG= 10V         VGS= 0V      f = 1kHz 
YfS 
Typical Operation 
1000 
‐‐ 
2000 
µmho 
     VDG= 15V         ID= 200µA    f = 1kHz 
|YFS1‐2 / Y FS| 
Mismatch 
‐‐ 
0.6 
3 
%  
 
IDSS 
DRAIN CURRENT 
Full Conduction 
 
0.5 
 
‐‐ 
 
10 
 
mA 
 
VDG= 10V              VGS= 0V 
|IDSS1‐2 / IDSS| 
Mismatch at Full Conduction 
‐‐ 
1 
5 
%  
 
VGS(off) or Vp 
GATE VOLTAGE 
Pinchoff voltage 
 
‐0.5 
 
‐‐ 
 
‐2.5 
 
V 
 
VDS= 15V               ID= 1nA 
VGS(on) 
Operating Range 
‐‐ 
‐‐ 
‐2.3 
V 
              VDS=15V                 ID=200µA 
 
‐IGmax. 
GATE CURRENT 
Operating 
 
‐‐ 
 
‐4 
 
‐15 
 
pA 
 
VDG= 15V ID= 200µA 
‐IGmax. 
High Temperature 
‐‐ 
‐‐ 
‐10 
nA 
TA= +125°C
 
‐IGSSmax. 
At Full Conduction 
‐‐ 
‐‐ 
100 
pA 
VDS =0 
‐IGSSmax. 
High Temperature 
5 
5 
5 
pA 
VDG= 15V         TA= +125°C 
 
YOSS 
OUTPUT CONDUCTANCE 
Full Conduction 
 
‐‐ 
 
‐‐ 
 
20 
 
µmho 
 
VDG= 10V              VGS= 0V 
YOS 
Operating 
‐‐ 
0.2 
2 
µmho 
VDG=  15V            ID= 500µA 
 
CMR 
COMMON MODE REJECTION 
‐20 log | V GS1‐2/ V DS| 
 
95 
 
‐‐ 
 
‐‐ 
 
dB 
 
VDS = 10 to 20V        ID=30µA 
 
NF 
NOISE 
Figure 
 
‐‐ 
 
‐‐ 
 
0.5 
 
dB 
VDS= 15V      VGS= 0V       RG= 10M 
f= 100Hz           NBW= 6Hz 
en 
Voltage 
‐‐ 
20 
‐‐ 
nV/√Hz 
VDS=15V   ID=200µA   f=10Hz  NBW=1Hz 
 
CISS 
CAPACITANCE 
Input 
 
‐‐ 
 
‐‐ 
 
8 
 
pF 
 
VDS= 15V      ID= 200µA      f= 1MHz 
CRSS 
Reverse Transfer 
‐‐ 
‐‐ 
1.5 
pF  
The SST405 is a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
SST405
LOW NOISE, LOW DRIFT
MONOLITHIC DUAL
N-CHANNEL JFET
SST405 Applications:
Wideband Differential Amps
High-Speed,Temp-Compensated Single-Ended
Input Amps
High-Speed Comparators
Impedance Converters and vibrations detectors.
The SST405 is a high-performance monolithic dual
JFET featuring extremely low noise, tight offset voltage
and low drift over temperature specifications, and is
targeted for use in a wide range of precision
instrumentation applications. The SST405 features a 5-
mV offset and 10-µV/°C drift. The SST405 is a direct
replacement for discontinued Siliconix SST405.
The 8 Pin P-DIP and 8 Pin SOIC provide ease of
manufacturing, and the symmetrical pinout prevents
improper orientation.
(See Packaging Information).
Linear Systems replaces discontinued Siliconix SST405
Note 1 – These ratings are limiting values above which the serviceability of any semiconductor may be impaired
PDIP / SOIC (Top View)
Available Packages:
SST405 in PDIP / SOIC
SST405 available as bare die
Please contact Micross for full package and die dimensions
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution


Similar Part No. - SST405_PDIP

ManufacturerPart #DatasheetDescription
logo
Micross Components
SST405_SOIC MICROSS-SST405_SOIC Datasheet
282Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
More results

Similar Description - SST405_PDIP

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N3954A MICROSS-2N3954A Datasheet
283Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
2N3955_TO-71 MICROSS-2N3955_TO-71 Datasheet
295Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
2N3956_TO-71 MICROSS-2N3956_TO-71 Datasheet
295Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
2N3956_TO-78 MICROSS-2N3956_TO-78 Datasheet
295Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
2N3958_SOIC MICROSS-2N3958_SOIC Datasheet
283Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
2N3958_TO-78 MICROSS-2N3958_TO-78 Datasheet
295Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
SST401_PDIP MICROSS-SST401_PDIP Datasheet
282Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
SST402_PDIP MICROSS-SST402_PDIP Datasheet
282Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
SST406_SOIC MICROSS-SST406_SOIC Datasheet
293Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
2N3958 MICROSS-2N3958 Datasheet
283Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com