Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMB772 Datasheet(PDF) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMB772
Description  PNP Si transistor suited for the output stage of 3W audio amplifier, voltage regulator, DC-DC converter and relay driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMB772 Datasheet(HTML) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMB772 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMB772 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GMB772 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin
Strong
Strong
Strong
Strong
Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMB772
■
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
電特性
(T
(T
(T
(T
A
A
A
A
=25
=25
=25
=25
℃ unless
unless
unless
unless
otherwise
otherwise
otherwise
otherwise
noted
noted
noted
noted
如無特殊說明,溫度爲 25℃)))
)
■
DEVICE
DEVICE
DEVICE
DEVICE
MARKING
MARKING
MARKING
MARKING
打標
■
H
H
H
H
FE
FE
FE
FE
RANGE
RANGE
RANGE
RANGE
放大倍數分檔
Characterstic
特性參數
Symbol
符號
Test Condition
測試條件
Min
最小值
TYP
典型值
Max
最大值
Unit
單位
Collector Cutoff Current
集電極截止電流
ICBO
VCB=-30V,IE=0
—
—
-1.0
μA
Emitter Cutoff Current
發射極截止電流
IEBO
VEB=-5V,IC=0
—
—
-1.0
μA
Collector-Base Breakdown Voltage
集電極-基極擊穿電壓
V(BR)CBO
IC=-100μA
-40
—
—
V
Collector-Emitter Breakdown Voltage
集電極-發射極擊穿電壓
V(BR)CEO
IC=-10mA
-30
—
—
V
Emitter-Base Breakdown Voltage
發射極-基極擊穿電壓
V(BR)EBO
IE=-100μA
-5
—
—
V
DC Current Gain
直流電流增益
HFE(1)
VCE=-2V,IC=-20A
30
—
—
—
HFE(2)
VCE=-2V,IC=-1A
60
—
400
Collector Saturation Voltage
集電極飽和壓降
VCE(sat)
IC=-2A, IB=-200mA
—
—
-0.5
V
Base Saturation Voltage
基極飽和電壓
VBE(sat)
IC=-2A, IB=-200mA
—
—
-2.0
V
Transition Frequency
特徵頻率
fT
VCE=-5V,IC=-100mA
—
80
—
MHz
Collector Output Capacitance
輸出電容
Cob
VCB=-10V,IE=0,f=1MHz
—
55
—
pF
GM
GM
GM
GM
GM
GM
GM
GM
B772
B772
B772
B772
B772
B772
B772
B772
P
P
P
P
E
E
E
E
160-320
160-320
160-320
160-320
20
20
20
20
0~400
0~400
0~400
0~400
P
P
P
P
E
E
E
E



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com