Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMB772 Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMB772
Description  PNP Si transistor suited for the output stage of 3W audio amplifier, voltage regulator, DC-DC converter and relay driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMB772 Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMB772 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMB772 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GMB772 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin
Strong
Strong
Strong
Strong
Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMB772
TO-126 晶體管(TO-126 Transistors)
■
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
功能
PNP Si transistor suited for the output stage of 3W audio amplifier, voltage regulator, DC-DC
converter and relay driver. PNP 矽三極管,適用于 3W 輸出的音頻放大,電壓調整,DC-DC 轉
換和繼電器驅動。
■
FEATURES
FEATURES
FEATURES
FEATURES
特點
Low saturation voltage 低飽和壓降
Excellent hFE linearity and high hFE 好線性和高的放大倍數
■
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
RATINGS
RATINGS
RATINGS
RATINGS
最大額定值(T
(T
(T
(T
a
a
a
a
=25
=25
=25
=25
℃)))
)
CHARACTERISTIC
特性參數
Symbol
符號
Rating
額定值
Unit
單位
Collector-Base Voltage
集電極-基極電壓
VCBO
-40
V
Collect-Emitter Voltage
集電極-發射極電壓
VCEO
-30
V
Emitter-Base Voltage
發射極-基極電壓
VEBO
-5.0
V
Collector Current DC
集電極電流-连续
Ic
-3.0
A
Collector Current pulse
集電極電流-脉冲
Ic
-7.0
A
Collector Power Dissipation
集電極耗散功率
PC
3
W
Junction Temperature
結溫
Tj
150
℃
Storage Temperature Range
儲存溫度
Tstg
-55〜150
℃


Similar Part No. - GMB772

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
GMB-910 ADVANTECH-GMB-910 Datasheet
1Mb / 2P
Intel Celeron짰 M Mini-ITX Motherboard with Dual VGA, 6 COM, and Dual LAN
GMB-910-M6A1E ADVANTECH-GMB-910-M6A1E Datasheet
1Mb / 2P
Intel Celeron짰 M Mini-ITX Motherboard with Dual VGA, 6 COM, and Dual LAN
GMB-945GC ADVANTECH-GMB-945GC Datasheet
321Kb / 2P
Intel짰 LGA775 Core??2 Duo Mini-ITX with VGA, 4 COM, and Dual LAN
GMB-945GC-00A1E ADVANTECH-GMB-945GC-00A1E Datasheet
321Kb / 2P
Intel짰 LGA775 Core??2 Duo Mini-ITX with VGA, 4 COM, and Dual LAN
GMB-A55E ADVANTECH-GMB-A55E Datasheet
1Mb / 2P
AMD짰 G-Series mini-ITX Motherboard
More results

Similar Description - GMB772

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SA1106 WINGS-2SA1106 Datasheet
25Kb / 1P
PNP PLANAR TRANSISTOR(AUDIO POWER AMPLIFIER, DC TO DC CONVERTER)
2SB778 WINGS-2SB778 Datasheet
48Kb / 1P
PNP PLANAR TRANSISTOR(AUDIO POWER AMPLIFIER, DC TO DC CONVERTER)
logo
KEC(Korea Electronics)
KTA1705 KEC-KTA1705 Datasheet
252Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (AUDIO AMPLIFIER, VOLTAGE REGULATOR DC-DC CONVERTER, RELAY DRIVER)
KTC2804 KEC-KTC2804 Datasheet
254Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO AMPLIFIER, VOLTAGE REGULATOR DC-DC CONVERTER, RELAY DRIVER)
logo
NEC
2SD882 NEC-2SD882 Datasheet
165Kb / 2P
NPN(for the output stage of 3 watts audio amplifier, voltage regulator, DC-DC converter and relay driver)
logo
MORNSUN Science& Techno...
WRB0503T-2W MORNSUN-WRB0503T-2W Datasheet
165Kb / 2P
3W SINGLE OUTPUT DC/DC CONVERTER
logo
Guilin Strong Micro-Ele...
GMD882 GSME-GMD882 Datasheet
256Kb / 3P
NPN Si transistor suited for the output stage of 3W audio amplifier, voltage regulator, DC-DC converter and relay driver
logo
Hi-Sincerity Mocroelect...
HSD882S HSMC-HSD882S_06 Datasheet
59Kb / 5P
The HSD882S is suited for the output stage of 0.75W audio, voltage regulator, and relay driver.
logo
E-Tech Electronics LTD
GSB772S ETL-GSB772S Datasheet
131Kb / 2P
The GSB772S is designed for using in output stage of 0.75W amplifier, voltage regulator, DC-DC converter and driver.
GSB772SS ETL-GSB772SS Datasheet
278Kb / 3P
The GSB772SS is a medium power low voltage transistor, designed for audio power amplifier, DC-DC converter and voltage regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com