Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMBAS16 Datasheet(PDF) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMBAS16
Description  SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMBAS16 Datasheet(HTML) 1 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMBAS16 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMBAS16 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin
Strong
Strong
Strong
Strong
Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMBAS16
SWITCHING
SWITCHING
SWITCHING
SWITCHING
DIODE
DIODE
DIODE
DIODE
開關二極管(BA
(BA
(BA
(BA
S16
S16
S16
S16
)))
)
FEATURES
特點
DEVICE
DEVICE
DEVICE
DEVICE
MARKING
MARKING
MARKING
MARKING
打標
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
電特性
(T
(T
(T
(T
A
A
A
A
=
=
=
=
25
25
25
25
unless
unless
unless
unless
otherwise
otherwise
otherwise
otherwise
noted
noted
noted
noted
如無特殊说明,溫度爲 25℃)))
)
SOT-23
内部结构
1
Characteristic 特性參數
Symbol 符號
Max 最大值
Unit 單位
Power dissipation 耗散功率
PD(Ta=25)
225
mW
Forward Current 正向電流
IF
200
mA
Reverse Voltage 反向電壓
VR
75
V
Junction and Storage Temperature
結溫和儲藏溫度
TJ,Tstg
-55to+150
BAS16=A6
BAS16=A6
BAS16=A6
BAS16=A6
Characteristic
特性參數
Symbol
符號
Min
最小值
Max
最大值
Unit
單位
Reverse Breakdown Voltage 反向擊穿電壓
(IR=100uA)
V(BR)
75
V
Reverse Leakage Current 反向漏電流
(VR=75V)
IR
1
uA
Forward Voltage(Test Condition)正向電壓
IF=1mA
IF=10mA
IF=50mA
IF=150mA
VF
715
855
1000
1250
mV
Diode Capacitance 二極體電容
(VR=0V, f=1MHz)
CD
2
pF
Reverse Recovery Time 反向恢復時間
Trr
6
nS


Similar Part No. - GMBAS16

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GMBAS40-04 GSME-GMBAS40-04 Datasheet
617Kb / 2P
SCHOTTKY DIODE
GMBAS40-06 GSME-GMBAS40-06 Datasheet
617Kb / 2P
SCHOTTKY DIODE
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
SCHOTTKY DIODE
GMBAS70-04 GSME-GMBAS70-04 Datasheet
617Kb / 2P
SCHOTTKY DIODE
More results

Similar Description - GMBAS16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com