Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR05C50 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR05C50
Description  SILICON CARBIDE SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR05C50 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR05C50 Datasheet HTML 1Page - Solid States Devices, Inc SSR05C50 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0016H
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR05C60 Series
Electrical Characteristic
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(IF = 5A, TJ = 25°C, 300 sec pulse)
VF1
––
1.7
2.0
Volts
Instantaneous Forward Voltage Drop
(IF = 5A, TJ = 150°C, 300 sec pulse)
VF2
––
2.0
2.7
Volts
Reverse Leakage Current
(VR = Rated VR, TJ = 25°C, 300 sec pulse min)
IR1
––
15
200
A
Reverse Leakage Current
(VR = Rated VR, TJ = 100°C, 300 sec pulse min)
IR2
––
40
1000
A
Junction Capacitance
(VR =10 VDC, TC = 25°C, f = 1MHz)
CJ
––
50
––
pF
Total Capacitive Charge
(VR = 400V, IF = 5A, di/dt = 200A/s, TJ = 150°C)
QC
––
13
––
nC
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ For Package Outlines Contact Factory.
3/ All Electrical Characteristics @25oC Unless Otherwise Specified.
Available Part Numbers:
SSR05C50D1 SSR05C50G SSR05C50S.5
SSR05C50S.22
SSR05C60D1 SSR05C60G SSR05C60S.5
SSR05C60S.22
PIN ASSIGNMENT
Package
Pin 1
Pin 2
Pin 3
Tab
TO-252 (D1)
N/C
Cathode
Anode
Cathode
Cerpack (G)
Anode
Anode
N/A
Cathode
SMD.5 (S.5)
Cathode
Anode
Anode
N/A
SMD.22 (S.22)
Cathode
Anode
Anode
N/A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com