Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR05C50 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR05C50
Description  SILICON CARBIDE SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR05C50 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR05C50 Datasheet HTML 1Page - Solid States Devices, Inc SSR05C50 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0016H
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SSR05C __ __ __
│
│
│
│
│
│
│
│
│
│
└ Screening:
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
│
└ Package: D1 = TO-252 (D-Pack)
G = Cerpack
S.5 = SMD.5
S.22 = SMD.22
└ Voltage 50 = 500 V
60 = 600 V
SSR05C60 Series
5 AMP / 600V
SILICON CARBIDE
SCHOTTKY RECTIFIER
Features:
 600V Silicon Carbide Schottky Rectifier
 New Semiconductor Material
 Switching Behavior Benchmark
No Reverse Recovery
No Forward Recovery
No Switching Time Change Over Temperature
Hermetic Packages Available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
Peak Surge Reverse Voltage
SSR05C50
SSR05C60
VRRM
VRSM
500
600
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave)
Io
5
Amps
Non Repetitive Peak Surge Current
(8.3 ms Pulse, Half Sine Wave)
IFSM
20
Amps
I2t Value
I2t
0.78
A2s
Power Dissipation
PD
36.5
Watts
Operating & Storage Temperature
Top & Tstg
-55 to +175
°C
Maximum Thermal Resistance
Junction to Case
RJC
4.1
°C/W
1
TO-252 (D1)
Cerpack (G)
SMD.5 (S.5)
SMD.22 (S.22)


Similar Part No. - SSR05C50

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR05C080 SSDI-SSR05C080 Datasheet
123Kb / 2P
10 A / 1200 V Schottky Silicon Carbide Rectifier
SSR05C100 SSDI-SSR05C100 Datasheet
108Kb / 2P
Schottky Silicon Carbide Rectifier
SSR05C100 SSDI-SSR05C100 Datasheet
123Kb / 2P
10 A / 1200 V Schottky Silicon Carbide Rectifier
SSR05C120 SSDI-SSR05C120 Datasheet
205Kb / 2P
5 A / 1200 V Schottky Silicon Carbide Rectifier
SSR05C120 SSDI-SSR05C120 Datasheet
108Kb / 2P
Schottky Silicon Carbide Rectifier
More results

Similar Description - SSR05C50

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR05C120 SSDI-SSR05C120_1 Datasheet
108Kb / 2P
Schottky Silicon Carbide Rectifier
SSR30C100S1 SSDI-SSR30C100S1_1 Datasheet
76Kb / 2P
Schottky Silicon Carbide Rectifier
SH0067B SSDI-SH0067B Datasheet
116Kb / 2P
Schottky Silicon Carbide Rectifier
RS0016K SSDI-RS0016K_15 Datasheet
75Kb / 2P
SILICON CARBIDE SCHOTTKY RECTIFIER
RS0204 SSDI-RS0204_15 Datasheet
169Kb / 3P
SILICON CARBIDE SCHOTTKY RECTIFIER
SH0030G SSDI-SH0030G_15 Datasheet
118Kb / 2P
Schottky Silicon Carbide Rectifier
SH0043D SSDI-SH0043D_15 Datasheet
82Kb / 2P
Schottky Silicon Carbide Rectifier
SH0067B SSDI-SH0067B_15 Datasheet
116Kb / 2P
Schottky Silicon Carbide Rectifier
SH0082A SSDI-SH0082A_15 Datasheet
146Kb / 3P
SCHOTTKY SILICON CARBIDE CENTERTAP RECTIFIER
logo
Central Semiconductor C...
CSIC10-1200 CENTRAL-CSIC10-1200_15 Datasheet
951Kb / 3P
SILICON CARBIDE SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com