Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEMIX223GD12VC Datasheet(PDF) 1 Page - Semikron International

Part # SEMIX223GD12VC
Description  High short circuit capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SEMIX223GD12VC Datasheet(HTML) 1 Page - Semikron International

  SEMIX223GD12VC Datasheet HTML 1Page - Semikron International SEMIX223GD12VC Datasheet HTML 2Page - Semikron International SEMIX223GD12VC Datasheet HTML 3Page - Semikron International SEMIX223GD12VC Datasheet HTML 4Page - Semikron International SEMIX223GD12VC Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SEMiX223GD12Vc
© by SEMIKRON
Rev. 2 – 16.02.2011
1
SEMiX® 33c
GD
SEMiX223GD12Vc
Features
• Homogeneous Si
•VCE(sat) with positive temperature
coefficient
• High short circuit capability
• UL recognised file no. E63532
Typical Applications*
•AC inverter drives
•UPS
• Electronic Welding
Remarks
• Case temperature limited to TC=125°C
max.
• Product reliability results are valid for
Tj=150°C
• Dynamic values apply to the
following combination of resistors:
RGon,main = 2,9 
RGoff,main = 2,9 
RG,X = 2,2 
RE,X = 0,5 
Absolute Maximum Ratings
Symbol Conditions
Values
Unit
IGBT
VCES
1200
V
IC
Tj = 175 °C
Tc =25 °C
323
A
Tc =80 °C
246
A
ICnom
225
A
ICRM
ICRM = 3xICnom
675
A
VGES
-20 ... 20
V
tpsc
VCC = 600 V
VGE ≤ 15 V
VCES ≤ 1200 V
Tj =125 °C
10
µs
Tj
-40 ... 175
°C
Inverse diode
IF
Tj = 175 °C
Tc =25 °C
263
A
Tc =80 °C
197
A
IFnom
225
A
IFRM
IFRM = 3xIFnom
675
A
IFSM
tp = 10 ms, sin 180°, Tj =25°C
1161
A
Tj
-40 ... 175
°C
Module
It(RMS)
Tterminal =80 °C
600
A
Tstg
-40 ... 125
°C
Visol
AC sinus 50Hz, t = 1 min
4000
V
Characteristics
Symbol Conditions
min.
typ.
max.
Unit
IGBT
VCE(sat)
IC =225 A
VGE =15 V
chiplevel
Tj =25 °C
1.85
2.3
V
Tj =150 °C
2.3
2.55
V
VCE0
Tj =25 °C
0.94
1.04
V
Tj =150 °C
0.88
0.98
V
rCE
VGE =15 V
Tj =25 °C
4.0
5.6
m
Tj =150 °C
6.1
7.0
m
VGE(th)
VGE=VCE, IC = 9 mA
5.5
6
6.5
V
ICES
VGE =0 V
VCE = 1200 V
Tj =25 °C
0.1
0.3
mA
Tj =150 °C
mA
Cies
VCE =25V
VGE =0 V
f=1MHz
13.5
nF
Coes
f=1MHz
1.33
nF
Cres
f=1MHz
1.33
nF
QG
VGE = - 8 V...+ 15 V
2460
nC
RGint
Tj =25°C
3.33
td(on)
VCC = 600 V
IC =225 A
VGE =±15 V
RG on =3.8 
RG off =3.8 
di/dton = 3200 A/µs
di/dtoff =2000 A/µs
du/dtoff = 6600 V/
µs
Tj =150 °C
470
ns
tr
Tj =150 °C
72
ns
Eon
Tj =150 °C
19.9
mJ
td(off)
Tj =150 °C
665
ns
tf
Tj =150 °C
109
ns
Eoff
Tj =150 °C
27.2
mJ
Rth(j-c)
per IGBT
0.14
K/W


Similar Part No. - SEMIX223GD12VC

ManufacturerPart #DatasheetDescription
logo
Semikron International
SEMIX223GD12E4C SEMIKRON-SEMIX223GD12E4C Datasheet
371Kb / 5P
Trench IGBT Modules
SEMIX223GD12E4C SEMIKRON-SEMIX223GD12E4C_10 Datasheet
313Kb / 5P
Trench IGBT Modules
More results

Similar Description - SEMIX223GD12VC

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSH30N60CD1 IXYS-IXSH30N60CD1 Datasheet
72Kb / 2P
Short Circuit SOA Capability
IXSH50N60B IXYS-IXSH50N60B Datasheet
75Kb / 4P
Short Circuit SOA Capability
IXSK80N60B IXYS-IXSK80N60B Datasheet
46Kb / 2P
High Current IGBT Short Circuit SOA Capability
logo
Semikron International
SEMIX223GB12VS SEMIKRON-SEMIX223GB12VS Datasheet
467Kb / 5P
High short circuit capability
SEMIX302GB12VS SEMIKRON-SEMIX302GB12VS Datasheet
445Kb / 5P
High short circuit capability
SEMIX303GB12VS SEMIKRON-SEMIX303GB12VS Datasheet
468Kb / 5P
High short circuit capability
SEMIX303GD12VC SEMIKRON-SEMIX303GD12VC Datasheet
419Kb / 5P
High short circuit capability
SEMIX404GB12VS SEMIKRON-SEMIX404GB12VS Datasheet
450Kb / 5P
High short circuit capability
logo
Vishay Siliconix
VS-GA200TH60S VISHAY-VS-GA200TH60S Datasheet
165Kb / 7P
High short circuit capability
10-Jun-15
logo
IXYS Corporation
MMIX2S50N60B4D1 IXYS-MMIX2S50N60B4D1 Datasheet
291Kb / 8P
Short Circuit SOA Capability
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com