Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEMIX223GD12VC Datasheet(PDF) 2 Page - Semikron International

Part # SEMIX223GD12VC
Description  High short circuit capability
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SEMIX223GD12VC Datasheet(HTML) 2 Page - Semikron International

  SEMIX223GD12VC Datasheet HTML 1Page - Semikron International SEMIX223GD12VC Datasheet HTML 2Page - Semikron International SEMIX223GD12VC Datasheet HTML 3Page - Semikron International SEMIX223GD12VC Datasheet HTML 4Page - Semikron International SEMIX223GD12VC Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SEMiX223GD12Vc
2
Rev. 2 – 16.02.2011
© by SEMIKRON
Characteristics
Symbol Conditions
min.
typ.
max.
Unit
Inverse diode
VF = VEC IF = 225 A
VGE =0 V
chip
Tj =25 °C
2.2
2.49
V
Tj =150 °C
2.1
2.4
V
VF0
Tj =25 °C
1.1
1.3
1.5
V
Tj =150 °C
0.7
0.9
1.1
V
rF
Tj =25 °C
3.6
3.9
4.4
m
Tj =150 °C
4.7
5.4
5.9
m
IRRM
IF = 225 A
di/dtoff =3400 A/µs
VGE =-15 V
VCC = 600 V
Tj =150 °C
210
A
Qrr
Tj =150 °C
39.4
µC
Err
Tj =150 °C
16.4
mJ
Rth(j-c)
per diode
0.23
K/W
Module
LCE
20
nH
RCC'+EE'
res., terminal-chip
TC =25°C
0.7
m
TC =125 °C
1m
Rth(c-s)
per module
0.014
K/W
Ms
to heat sink (M5)
3
5
Nm
Mt
to terminals (M6)
2.5
5
Nm
Nm
w
900
g
Temperatur Sensor
R100
Tc=100°C (R25=5 k)
493 ± 5%
B100/125
R(T)=R100exp[B100/125(1/T-1/T100)]; T[K];
3550
±2%
K
SEMiX® 33c
GD
SEMiX223GD12Vc
Features
• Homogeneous Si
•VCE(sat) with positive temperature
coefficient
• High short circuit capability
• UL recognised file no. E63532
Typical Applications*
•AC inverter drives
•UPS
• Electronic Welding
Remarks
• Case temperature limited to TC=125°C
max.
• Product reliability results are valid for
Tj=150°C
• Dynamic values apply to the
following combination of resistors:
RGon,main = 2,9 
RGoff,main = 2,9 
RG,X = 2,2 
RE,X = 0,5 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com