Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR1505CT Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR1505CT
Description  CENTERTAP SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR1505CT Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR1505CT Datasheet HTML 1Page - Solid States Devices, Inc SSR1505CT Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0058A
DOC
ELECTRICAL CHARACTERISTICS (per leg)3/
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TA=25ºC, 300sec pulse)
IF = 1 A
IF = 5 A
IF = 10 A
VF1
VF2
VF3
––
––
––
0.38
0.51
0.62
0.43
0.58
0.70
VDC
Instantaneous Forward Voltage Drop
(TA=-55ºC, 300sec pulse)
IF = 1 A
IF = 5 A
IF = 10 A
VF4
VF5
VF6
––
––
––
0.46
0.54
0.61
0.50
0.62
––
VDC
Instantaneous Forward Voltage Drop
(TA=125ºC, 300sec pulse)
IF = 1 A
IF = 5 A
IF = 10 A
VF7
VF8
VF9
––
––
––
0.26
0.45
0.53
0.35
0.53
––
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300sec pulse minimum)
IR1
––
25
100
A
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300sec pulse minimum)
IR2
––
4
––
mA
Reverse Leakage Current
(Rated VR, TA = 125ºC, 300sec pulse minimum)
IR3
––
15
25
mA
Junction Capacitance
(VR = 10V, f = 1MHz, TA = 25ºC)
CJ
––
––
300
pF
Package Outline: CERPACK
PIN OUT:
PIN 1: ANODE 1
PIN 2: ANODE 2
TAB: CATHODE
Note: For optimal performance, connect anode
terminals together.
Bottom View
Package Outline: SMD.5
PIN OUT:
PIN 1: ANODE 1
PIN 2: ANODE 2
TAB: CATHODE
Note: For optimal performance, connect anode
terminals together.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR1505CTG thru SSR1507CTG
and
SSR1505CTS.5 thru SSR1507CTS.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com