Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR1505CT Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR1505CT
Description  CENTERTAP SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR1505CT Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR1505CT Datasheet HTML 1Page - Solid States Devices, Inc SSR1505CT Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0058A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information1/
SSR15 __ __ __ __
│
│
│
│
│
│
│
│
│
│
│
│
└ Screening2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
│
│
│
│
└ Package
G = Cerpack
S.5 = SMD.5
│
│
└ Configuration
CT = Centertap
└ Voltage
05 = 50 V
06 = 60 V
07 = 70 V
SSR1505CTG thru SSR1507CTG
and
SSR1505CTS.5 thru SSR1507CTS.5
15 AMP
CENTERTAP SCHOTTKY RECTIFIER
50 - 70 VOLTS
FEATURES:
 Extremely low forward voltage drop
 Low reverse leakage
 Hermetically sealed custom surface mount
package
 Guard ring for overvoltage protection
 Eutectic die attach
 175ºC operating junction temperature
 TX, TXV, and S level screening available -
consult factory
MAXIMUM RATINGS3/
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
SSR1505CT
SSR1506CT
SSR1507CT
VRRM
VRWM
VR
50
60
70
Volts
Average Rectified Forward Current
(Resistive load, 60 Hz, sine wave, TA = 25ºC)
4/
IO
15
Amps
Peak Surge Current
(8.3 ms pulse, half sine wave superimposed on IO, allow junction to reach
equilibrium between pulses, TA = 25ºC)
IFSM
100
Amps
Operating & Storage Temperature
TOP & Tstg
-65 to +175
oC
Maximum Thermal Resistance
(Junction to Case)
4/
Cerpack
SMD.5
RθJC
1.6
1.6
oC/W
NOTES:
CERPACK (G)
SMD.5 (S.5)
1/ For ordering information, price, and availability - contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, all electrical characteristics @25ºC.
4/ Both legs together.


Similar Part No. - SSR1505CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR1505CT SSDI-SSR1505CT Datasheet
101Kb / 2P
CENTERTAP SCHOTTKY RECTIFIER
SSR1505CTM SSDI-SSR1505CTM Datasheet
101Kb / 2P
CENTERTAP SCHOTTKY RECTIFIER
More results

Similar Description - SSR1505CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR1505CTM SSDI-SSR1505CTM Datasheet
101Kb / 2P
CENTERTAP SCHOTTKY RECTIFIER
SSR8045CTS1 SSDI-SSR8045CTS1 Datasheet
114Kb / 2P
SCHOTTKY CENTERTAP RECTIFIER
RS0027D SSDI-RS0027D Datasheet
128Kb / 2P
SCHOTTKY CENTERTAP RECTIFIER
RS0029 SSDI-RS0029 Datasheet
179Kb / 2P
CENTERTAP SCHOTTKY RECTIFIER
RS0065 SSDI-RS0065 Datasheet
105Kb / 2P
SCHOTTKY CENTERTAP RECTIFIER
SH0066B SSDI-SH0066B Datasheet
149Kb / 2P
SCHOTTKY CENTERTAP RECTIFIER
SH0072A SSDI-SH0072A Datasheet
107Kb / 2P
CENTERTAP SCHOTTKY RECTIFIER
SH0076A SSDI-SH0076A Datasheet
111Kb / 2P
CENTERTAP SCHOTTKY RECTIFIER
SH0055A SSDI-SH0055A_15 Datasheet
101Kb / 2P
CENTERTAP SCHOTTKY RECTIFIER
SH0066B SSDI-SH0066B_15 Datasheet
149Kb / 2P
SCHOTTKY CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com