Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2907ADCSM Datasheet(PDF) 1 Page - Seme LAB

Part # 2N2907ADCSM
Description  DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2907ADCSM Datasheet(HTML) 1 Page - Seme LAB

  2N2907ADCSM Datasheet HTML 1Page - Seme LAB 2N2907ADCSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LAB
SEME
Prelim. 3/00
2N2907ADCSM
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
DUAL HIGH SPEED, MEDIUM POWER
PNP SWITCHING TRANSISTOR IN A
HERMETICALLY SEALED
CERAMIC SURFACE MOUNT PACKAGE
FOR HIGH RELIABILITY APPLICATIONS
FEATURES
• DUAL SILICON PLANAR EPITAXIAL
PNP TRANSISTORS
• HERMETIC CERAMIC SURFACE
MOUNT PACKAGE
• CECC SCREENING OPTIONS
• SPACE QUALITY LEVELS OPTIONS
• HIGH SPEED SATURATED SWITCHING
APPLICATIONS:
Hermetically sealed dual surface mount
version of the popular 2N2907A for high
reliability / space applications requiring
small size and low weight devices.
PER SIDE
VCBO
Collector - Base Voltage
VCEO
Collector - Emitter Voltage
VEBO
Emitter - Base Voltage
IC
Collector Current
PD
Total Device Dissipation
PD
Derate above 50°C
TOTAL DEVICE
RqJA
Thermal Resistance Junction to Ambient
RqJC
Thermal Resistance Junction to Case
TSTG,Tj
Storage Temperature, Operating temp range
–60V
–60V
–5V
600mA
350mW
2.0mW / °C
130°C / W
60°C / W
–55 to 200°C
MECHANICAL DATA
Dimensions in mm (inches)
LCC2 PACKAGE
Underside View
ABSOLUTE MAXIMUM RATINGS (TC = 25°C unless otherwise stated)
PAD 1 – Collector 1
PAD 2 – Base 1
PAD 3 – Base 2
PAD 4 – Collector 2
PAD 5 – Emitter 2
PAD 6 – Emitter 1
A
2
1
3
4
5
6
6.22 ± 0.13
(0.245 ± 0.005)
1.65 ± 0.13
(0.065 ± 0.005)
2.29 ± 0.20
(0.09 ± 0.008)
1.27 ± 0.13
(0.05 ± 0.005)
1.40 ± 0.15
(0.055 ± 0.006)
0.23
(0.009)
rad.
A =


Similar Part No. - 2N2907ADCSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2907ADCSM SEME-LAB-2N2907ADCSM Datasheet
39Kb / 2P
DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR
2N2907ADCSM SEME-LAB-2N2907ADCSM_08 Datasheet
39Kb / 2P
DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR
More results

Similar Description - 2N2907ADCSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2222ACSM SEME-LAB-2N2222ACSM Datasheet
17Kb / 2P
HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2222ACSM4 SEME-LAB-2N2222ACSM4 Datasheet
15Kb / 2P
HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2222ADCSM SEME-LAB-2N2222ADCSM Datasheet
18Kb / 2P
DUAL HIGH SPEED, MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2369ACSM SEME-LAB-2N2369ACSM Datasheet
15Kb / 2P
HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2894ACSM SEME-LAB-2N2894ACSM Datasheet
15Kb / 2P
HIGH SPEED, MEDIUM POWER, PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2894CSM SEME-LAB-2N2894CSM Datasheet
16Kb / 2P
HIGH SPEED, MEDIUM POWER, PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2907ACSM SEME-LAB-2N2907ACSM Datasheet
16Kb / 2P
HIGH SPEED, MEDIUM POWER, PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3209CSM SEME-LAB-2N3209CSM Datasheet
20Kb / 2P
HIGH SPEED, PNP, SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
ZTX753DCSM SEME-LAB-ZTX753DCSM Datasheet
17Kb / 2P
PNP DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2894ACSM SEME-LAB-2N2894ACSM_08 Datasheet
40Kb / 2P
HIGH SPEED, MEDIUM POWER, PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com