Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2907ADCSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N2907ADCSM
Description  DUAL HIGH SPEED, MEDIUM POWER PNP SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2907ADCSM Datasheet(HTML) 2 Page - Seme LAB

  2N2907ADCSM Datasheet HTML 1Page - Seme LAB 2N2907ADCSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
LAB
SEME
Prelim. 3/00
2N2907ADCSM
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VCC = 30V
IC = 150mA
IB1 = 15mA
VCC = 6V
IC = 150mA
IB1 = IB2 = 15mA
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS PER SIDE (T
C = 25°C unless otherwise stated)
IC = 10mA
IC = 10mA
IE = 10mAIC = 0
VCE = 30V
VBE = 0.5V
IE = 0
VCB = 50V
TC = 125°C
VCE = 30V
VBE = 0.5V
IC = 150mA
IB = 15mA
IC = 500mA
IB = 50mA
IC = 150mA
IB = 15mA
IC = 500mA
IB = 50mA
IC = 0.1mA
VCE = 10V
IC = 1mA
VCE = 10V
IC = 10mA
VCE = 10V
IC = 150mA
VCE = 10V
IC = 500mA
VCE = 10V
VCEO(sus)* Collector – Emitter Sustaining Voltage
V(BR)CBO*
Collector – Base Breakdown Voltage
V(BR)EBO*
Emitter – Base Breakdown Voltage
ICEX*
Collector Cut-off Current
ICBO*
Collector – Base Cut-off Current
IBEO
Base Cut-off Current
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
–60
–60
–5
50
0.01
10
50
–0.4
–1.6
–1.3
–2.6
75
100
100
100
300
50
V
V
V
nA
mA
nA
V
V
—
fT
Transition Frequency
Cob
Output Capacitance
Cib
Input Capacitance
IC = 50mA
VCE = 20V
f = 100MHz
VCB = 10V
IE = 0
f = 1.0MHz
VBE = 2V
IC = 0
f = 1.0MHz
200
8
30
MHz
pF
pF
ton
Turn-on Time
td
Delay Time
tr
Rise Time
toff
Turn-off Time
ts
Storage Time
tf
Fall Time
26
45
6.0
10
20
40
70
100
50
80
20
30
ns
ns
SWITCHING CHARACTERISTICS PER SIDE (RESISTIVE LOAD)
(TC = 25°C unless otherwise stated)
* Pulse test tp = 300ms , d £ 2%
DYNAMIC CHARACTERISTICS PER SIDE (T
C = 25°C unless otherwise stated)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com