Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE2AS01 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # ICE2AS01
Description  Off-Line SMPS Current Mode Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2AS01 Datasheet(HTML) 5 Page - Infineon Technologies AG

  ICE2AS01 Datasheet HTML 1Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 2Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 3Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 4Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 5Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 6Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 7Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 8Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Datasheet
5
30 Jun 2006
Preliminary Data
ICE2AS01/S01G
ICE2BS01/S01G
1
Figure 1
Pin Configuration (top view)
1.2
Pin Functionality
SoftS (Soft Start & Auto Restart Control)
This pin combines the function of Soft Start in case of
Start Up and Auto Restart Mode and the controlling of
the Auto Restart Mode in case of an error detection.
FB (Feedback)
The information about the regulation is provided by the
FB Pin to the internal Protection Unit and to the internal
PWM-Comparator to control the duty cycle.
Isense (Current Sense)
The Current Sense pin senses the voltage developed
on the series resistor inserted in the source of the
external Power Switch. When Isense reaches the
internal threshold of the Current Limit Comparator, the
Driver output is disabled. By this mean the Over
Current Detection is realized.
Furthermore the current information is provided for the
PWM-Comparator to realize the Current Mode.
Gate (Driver Output)
The current and slew rate capability of this pin are
suited to drive Power MOSFETs.
VCC (Power supply)
This pin is the positive supply of the IC. The operating
range is between 8.5V and 21V.
To provide overvoltage protection the driver gets
disabled when the voltage becomes higher than 16.5V
during Start up Phase.
GND (Ground)
This pin is the ground of the primary side of the SMPS.
1.1
Pin Configuration
Pin
Symbol
Function
1
N.C.
Not connected
2
SoftS
Soft Start & Auto Restart Control
3
FB
Regulation Feedback
4
Isense
Controller Current Sense Input
5
Gate
Driver Output
6
VCC
Controller Supply Voltage
7
GND
Controller Ground
8
N.C.
Not connected
1
6
7
8
4
3
2
5
GND
SoftS
FB
Isense
N.C.
VCC
N.C.
Gate
Package PG-DIP-8
G-Package PG-DSO-8
1
Pin Configuration and Functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com