Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE2AS01 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # ICE2AS01
Description  Off-Line SMPS Current Mode Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2AS01 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button ICE2AS01 Datasheet HTML 16Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 17Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 18Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 19Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 20Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 21Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 22Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 23Page - Infineon Technologies AG ICE2AS01 Datasheet HTML 24Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Datasheet
22
30 Jun 2006
Preliminary Data
ICE2AS01/S01G
ICE2BS01/S01G
Typical Performance Characteristics
Figure 41 Detection Limit VSoft-Start1 vs. Tj
Figure 42 Detection Limit VSoft-Start2 vs. Tj
Figure 43 Overvoltage Detection Limit VVCC1 vs. Tj
Figure 44 Peak Current Limitation Vcsth vs. Tj
Figure 45 Leading Edge Blanking VVCC1 vs. Tj
Junction Temperature [°C]
5,25
5,26
5,27
5,28
5,29
5,30
5,31
5,32
5,33
5,34
5,35
-25 -15
-5
5
152535455565758595 105 115 125
Junction Temperature [°C]
3,95
3,96
3,97
3,98
3,99
4,00
4,01
4,02
4,03
4,04
4,05
-25 -15
-5
5
152535455565758595 105 115 125
Junction Temperature [°C]
16,20
16,25
16,30
16,35
16,40
16,45
16,50
16,55
16,60
16,65
16,70
16,75
16,80
-25 -15 -5
5
15
25354555
65758595 105 115 125
Junction Temperature [°C]
0,990
0,992
0,994
0,996
0,998
1,000
1,002
1,004
1,006
1,008
1,010
-25 -15
-5
5
1525
3545556575
8595 105 115 125
Junction Temperature [°C]
180
190
200
210
220
230
240
250
260
270
280
-25 -15
-5
5
1525
354555
65758595 105 115 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com