Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3019CSM Datasheet(PDF) 1 Page - Seme LAB

Part # 2N3019CSM
Description  HIGH FREQUENCY, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3019CSM Datasheet(HTML) 1 Page - Seme LAB

  2N3019CSM Datasheet HTML 1Page - Seme LAB 2N3019CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 1/94
LAB
SEME
2N3019CSM
HIGH FREQUENCY, NPN
TRANSISTOR IN A
HERMETICALLY SEALED
CERAMIC SURFACE MOUNT PACKAGE
FOR HIGH RELIABILITY APPLICATIONS
FEATURES
• SILICON PLANAR EPITAXIAL NPN
TRANSISTOR
• HERMETIC CERAMIC SURFACE MOUNT
PACKAGE (SOT23 COMPATIBLE)
• CECC SCREENING OPTIONS AVAILABLE
• SPACE QUALITY LEVELS AVAILABLE
• HIGH SPEED SATURATED SWITCHING
APPLICATIONS:
For high reliablitity general purpose
applications requiring small size and low
weight devices.
VCBO
Collector Base Voltage
VCEO
Collector Emitter Voltage
VEBO
Emitter Base Voltage
IC
Collector Current
PD
Total Device Dissipation
PD
Derate above 50°C
Rja
Thermal Resistance Junction to Ambient
Tj
Max Junction Temperature
Tstg
Storage Temperature
140V
80V
7V
1A
350mW
2.00mW / °C
350°C / W
200°C
–55 to 200°C
MECHANICAL DATA
Dimensions in mm (inches)
SOT23 CERAMIC (CSM)
LCC1 PACKAGE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
PAD 1 – Base
Underside View
PAD 2 – Emitter
PAD 3 – Collector
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3


Similar Part No. - 2N3019CSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N3019CSM SEME-LAB-2N3019CSM Datasheet
20Kb / 2P
HIGH FREQUENCY, NPN TRANSISTOR
2N3019CSM SEME-LAB-2N3019CSM_03 Datasheet
20Kb / 2P
HIGH FREQUENCY, NPN TRANSISTOR
More results

Similar Description - 2N3019CSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2857CSM SEME-LAB-2N2857CSM Datasheet
19Kb / 2P
HIGH FREQUENCY NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2920DCSM SEME-LAB-2N2920DCSM Datasheet
31Kb / 4P
DUAL NPN TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3439CSM4R SEME-LAB-2N3439CSM4R Datasheet
16Kb / 2P
HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3501CSM4 SEME-LAB-2N3501CSM4 Datasheet
17Kb / 3P
HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3904CSM SEME-LAB-2N3904CSM Datasheet
21Kb / 2P
GENERAL PURPOSE NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BCX19CSM4 SEME-LAB-BCX19CSM4 Datasheet
16Kb / 2P
GENERAL PURPOSE NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
ZTX653DCSM SEME-LAB-ZTX653DCSM Datasheet
14Kb / 2P
NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3019DCSM SEME-LAB-2N3019DCSM Datasheet
20Kb / 2P
DUAL HIGH FREQUENCY NPN TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BSX64SMD05 SEME-LAB-BSX64SMD05 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed Ceramic Surface Mount Package for High Reliability Applications
2N2920DCSM SEME-LAB-2N2920DCSM_03 Datasheet
29Kb / 4P
DUAL NPN TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com