Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3019CSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N3019CSM
Description  HIGH FREQUENCY, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3019CSM Datasheet(HTML) 2 Page - Seme LAB

  2N3019CSM Datasheet HTML 1Page - Seme LAB 2N3019CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 1/94
LAB
SEME
2N3019CSM
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Parameter
Test Conditions
Min.
Typ.
Max. Unit
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
IC = 10mA
IC = 10µA
IE = 10µA
IC = 0
VCB = 90V
VBE = 0
VCB = 90V
VBE = 0
Tamb = 150°C
VEB = 5V
IC = 150mA
IB = 15mA
IC = 500mA
IB = 50mA
IC = 150mA
IB = 15mA
IC = 0.1mA
VCE = 10V
IC = 10mA
VCE = 10V
IC = 150mA
VCE = 10V
IC = 500mA
VCE = 10V
IC = 1A
VCE = 10V
IC = 150mA
VCE = 0.5V
VCEO*
Collector – Emitter Voltage
V(BR)CBO*
Collector – Base Breakdown Voltage
V(BR)EBO*
Emitter – Base Breakdown Voltage
ICBO
Collector Cut-off Current
IEBO
Emitter Cut-off Current
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
Tamb = –55°C
80
140
7
10
10
10
0.20
0.50
1.1
50
90
100
300
50
15
40
V
V
V
nA
µA
nA
V
V
fT
Transition Frequency
CEBO
Capacitance
CCBO
Input Capacitance
hfe
Small Signal Current Gain
NF
Noise Figure
IC = 50mA
VCE = 10V
f = 20MHz
VEB = 0.5V IC = 0
f = 1.0MHz
VCB = 10V
IE = 0
f = 1.0MHz
IC = 1mA
VCE = 5V
f = 1kHz
IC = 100µA VCE = 10V
f = 1kHz
Rg = 1KΩ
100
60
12
80
400
4
MHz
pF
pF
db
t* Pulse test tp = 300µs , δ ≤ 2%
DYNAMIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com