Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2AS01 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # 2AS01
Description  Off-Line SMPS Current Mode Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2AS01 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button 2AS01 Datasheet HTML 13Page - Infineon Technologies AG 2AS01 Datasheet HTML 14Page - Infineon Technologies AG 2AS01 Datasheet HTML 15Page - Infineon Technologies AG 2AS01 Datasheet HTML 16Page - Infineon Technologies AG 2AS01 Datasheet HTML 17Page - Infineon Technologies AG 2AS01 Datasheet HTML 18Page - Infineon Technologies AG 2AS01 Datasheet HTML 19Page - Infineon Technologies AG 2AS01 Datasheet HTML 20Page - Infineon Technologies AG 2AS01 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ICE2AS01/S01G
ICE2BS01/S01G
Electrical Characteristics
Datasheet
17
30 Jun 2006
4.3.4
Protection Unit
4.3.5
Current Limiting
Frequency Ratio fosc1/fosc2
ICE2AS01/G
4.5
4.65
4.9
Frequency Ratio fosc3/fosc4
ICE2BS01/G
3.18
3.35
3.53
Max Duty Cycle
Dmax
0.67
0.72
0.77
Min Duty Cycle
Dmin
0-
-
VFB < 0V
PWM-OP Gain
AV
3.45
3.65
3.85
Max. Level of Voltage Ramp
VMax-Ramp
-0.85
-
V
VFB Operating Range Min Level VFBmin
0.3
-
-
V
VFB Operating Range Max level VFBmax
--
4.6
V
Feedback Resistance
RFB
3.0
3.7
4.9
k
Ω
Soft-Start Resistance
RSoft-Start
42
50
62
k
Ω
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Over Load & Open Loop
Detection Limit
VFB2
4.65
4.8
4.95
V
VSoftS > 5.5V
Activation Limit of Overload &
Open Loop Detection
VSoftS1
5.15
5.3
5.46
V
VFB > 5V
Deactivation Limit of
Overvoltage Detection
VSoftS2
3.88
4.0
4.12
V
VFB > 5V
VCC > 17.5V
Overvoltage Detection Limit
VVCC1
16
16.5
17.2
V
VSoftS < 3.8V
VFB > 5V
Latched Thermal Shutdown
TjSD
130
140
150
°C
guaranteed by design
Spike Blanking
tSpike
-5
-µs
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Peak Current Limitation (incl.
Propagation Delay Time)
(see Figure 7)
Vcsth
0.95
1.00
1.05
V
dVsense / dt = 0.6V/µs
Leading Edge Blanking
tLEB
-220
-ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com