Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2AS01 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # 2AS01
Description  Off-Line SMPS Current Mode Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

2AS01 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button 2AS01 Datasheet HTML 15Page - Infineon Technologies AG 2AS01 Datasheet HTML 16Page - Infineon Technologies AG 2AS01 Datasheet HTML 17Page - Infineon Technologies AG 2AS01 Datasheet HTML 18Page - Infineon Technologies AG 2AS01 Datasheet HTML 19Page - Infineon Technologies AG 2AS01 Datasheet HTML 20Page - Infineon Technologies AG 2AS01 Datasheet HTML 21Page - Infineon Technologies AG 2AS01 Datasheet HTML 22Page - Infineon Technologies AG 2AS01 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Datasheet
19
30 Jun 2006
Preliminary Data
ICE2AS01/S01G
ICE2BS01/S01G
Typical Performance Characteristics
5
Typical Performance Characteristics
Figure 23 Start Up Current IVCC1 vs. Tj
Figure 24 Supply Current IVCC2 vs. Tj
Figure 25 Supply Current IVCC3 vs. Tj
Figure 26 VCC Turn-On Threshold VVCCon vs. Tj
Figure 27 VCC Turn-Off Threshold VVCCoff vs. Tj
Figure 28 VCC Turn-On/Off Hysteresis VVCCHY vs. Tj
Junction Temperature [°C]
22
24
26
28
30
32
34
36
38
40
-25 -15
-5
5
15
25
35
45
55
65
75
85
95 105 115 125
Junction Temperature [°C]
4,5
4,8
5,1
5,4
5,7
6,0
-25 -15
-5
5
15
25
35
45
55
65
75
85
95 105 115 125
Junction Temperature [°C]
13,42
13,44
13,46
13,48
13,50
13,52
13,54
13,56
13,58
-25 -15 -5
5
15
25354555
65758595 105 115 125
Junction Temperature [°C]
8,40
8,43
8,46
8,49
8,52
8,55
8,58
8,61
8,64
8,67
-25 -15
-5
5
15253545
5565758595 105 115 125
Junction Temperature [°C]
4,83
4,86
4,89
4,92
4,95
4,98
5,01
5,04
5,07
5,10
-25 -15
-5
5
15
25
35
45
55
65
75
85
95 105 115 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com