Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33810 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33810
Description  Automotive Engine Control IC Quad injector driver with Parallel/SPI control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33810 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33810 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33810
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 7. Open Secondary Spark Event
The Open Secondary timer is initiated on the rising edge
of the ignition coil primary spark signal and terminated on the
falling edge. The rising edge Open Secondary Threshold is
VIH= 135 V at primary, no hysteresis. The falling edge Open
Secondary threshold is VIL = 135V.
Collector to gate clamp durations that last longer than the
selected Open Secondary Fault Time interval (Table 8)
indicates a failed spark event. When the Open Secondary
Fault Time is exceeded and the Low-voltage Clamp is
enabled, the GDx output will activate the Low-voltage Clamp
shown in figure 16. The Logic for this Low-voltage Clamp is
defined in Figure 9
Table 8. Open Secondary Timer
Spark Command
Bits<b3,b2>
Open Secondary Fault Timer
OSFLT (
μs)
00
10
01
20
10
50
11
100
LOW-VOLTAGE CLAMP
The Low-voltage Clamp is an internal clamp circuit which
biases the IGBT's gate voltage in order to control the collector
to emitter voltage to VPWR+11V. This technique is used to
dissipate the energy stored in the ignition coil over a longer
period of time than if the internal IGBT clamp were used.
In the open secondary fault condition, all of the stored
energy in the ignition coil is dissipated by the IGBT. This fault
condition requires the use of a higher energy rated IGBT than
would otherwise be needed.
The Low-voltage Clamp spreads out the energy
dissipation over a longer period of time, thus allowing the use
of a lower energy rated IGBTs. The internal low-voltage
clamp is connected between the IGBT's collector (through an
external resistor) and the IGBT's gate. The energy stored in
the ignition coil is dissipated by the IGBT, not the internal
clamp. The internal clamp only provides the bias to the IGBT.
Several logical signals are required as inputs to activate
the GDx Low-voltage Clamp feature. The GDx Low-voltage
Clamp feature may be disabled through bit 4 of the Spark
Command message.
Figure 8.
+
–
SPI
+−
VPWR
13 V
53 V
GPGD
Low V
Clamp
Clamp
100 µA
GATE DRIVE
CONTROL
GD1
GD2
GD3
GD0
FB1
FB2
FB3
FB0
+
–
SPI
Open Secondary
SPI input
SPARK DURATION
Low-voltage Clamp
Figure 9.
OSFLT_En
OSFLT
MaxDwell
MaxDwellEn
IGN Mode
VPWR
OVER-VOLTAGE
OUTEN
SoftShutDnEn
IGN Mode
Activate
Low-voltage
Clamp
Low-voltage Clamp Logic
SOFT SHUTDOWN ENABLE
The soft shutdown feature is enabled via the SPI by
asserting control bit 5 in the Spark Command message.
When enabled, the following events initiate a soft
shutdown control of the gate driver.
• OUTEN = High (Outputs Disabled)
• Over-voltage on VPWR pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com