Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33810 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33810
Description  Automotive Engine Control IC Quad injector driver with Parallel/SPI control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33810 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33810 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33810 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33810
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
GENERAL PURPOSE GATE DRIVER PARAMETERS
Short to Battery Fault Detection Filter Timer Accuracy
VDD = High, Outputs Programmed ON
Programmable from 30 µs to 960 µs in replicating increments
Tolerance of timer after using calibration command
Tolerance of timer before using calibration command
VDS(flt-th)
-10
-35
+10
+35
%
Output OFF Open Circuit Fault Filter Timer
VDD = 5.0 V, Outputs Off
Tolerance of timer before using calibration command
t(OFF)OC
100
400
µs
PWM Frequency 10 Hz to 1.28 kHz Tolerance after using calibration
command
PWM Frequency 10 Hz to 1.28 kHz Tolerance before using calibration
command
PWMFREQ
PWMFREQ
-10%
-35%
10%
35%
Gate Driver Short Fault Duty Cycle
GDSHRT_DC
1.0
3.0
%
SPI DIGITAL INTERFACE TIMING(14)
Falling Edge of CS to Rising Edge of SCLK
Required Setup Time
tLEAD
100
–
–
ns
Falling Edge of SCLK to Rising Edge of CS
Required Setup Time
tLAG
50
–
–
ns
SI to Rising Edge of SCLK
Required Setup Time
tSI(SU)
16
–
–
ns
Rising Edge of SCLK to SI
Required Hold Time
tSI(HOLD)
20
–
–
ns
SI, CS, SCLK Signal Rise Time(15)
tR(SI)
–
5.0
–
ns
SI, CS, SCLK Signal Fall Time(16)
tF(SI)
–
5.0
–
ns
Time from Falling Edge of CS Low-impedance(17)
tSO(EN)
–
–
55
ns
Time from Rising Edge off CS to SO High-impedance(18)
tSO(DIS)
–
–
55
ns
Time from Falling Edge of SCLK to SO Data Valid(19)
tVALID
–
25
55
ns
Sequential Transfer Rate
Time required between data transfers
tSTR
1.0
–
–
µs
DIGITAL INTERFACE
Calibrated Timer Accuracy
tTIMER
–
–
10
%
Un-calibrated Timer Accuracy
tTIMER
–
–
35
%
Notes
14.
These parameters are guaranteed by design. Production test equipment uses 1.0 MHz, 5.0 V SPI interface.
15.
This parameter is guaranteed by design, however it is not production tested.
16.
Rise and Fall time of incoming SI, CS and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
17.
Time required for valid output status data to be available on SO pin.
18.
Time required for output states data to be terminated at SO pin.
19.
Time required to obtain valid data out from SO following the fall of SCLK with 200 pF load.
Table 4. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions of 3.0 V
≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 32 V, -40°C ≤ TC ≤ 125°C, and calibrated
timers, unless otherwise noted. Where applicable, typical values reflect the parameter’s approximate average value with VPWR
= 13 V, TA = 25
°C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com