Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33904 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33904
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33904 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33904 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 104 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33903/4/5
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
VOLTAGE REGULATOR FOR CAN INTERFACE SUPPLY, 5.0 V-CAN PIN
Output voltage, VSUP/2 = 5.5 to 40 V
IOUT 0 to 160 mA
5V-C OUT
4.75
5.0
5.25
V
Output Current limitation (15)
5V-C ILIM
160
280
-
mA
Under-voltage threshold
5V-C UV
4.1
4.5
4.7
V
Thermal shutdown (Guaranteed by design)
5V-CTS
160
-
-
°C
External capacitance (Guaranteed by design)
CEXT-CAN
1.0
-
100
μF
V AUXILIARY OUTPUT, 5.0 AND 3.3 V SELECTABLE PIN VB-AUX, VC-AUX, VAUX
VAUX output voltage
VAUX = 5.0 V, VSUP = VSUP2 5.5 to 40 V, IOUT 0 to 150 mA
VAUX = 3.3 V, VSUP = VSUP2 5.5 to 40 V, IOUT 0 to 150 mA
VAUX
4.75
3.135
5.0
3.3
5.25
3.465
V
VAUX under-voltage detector (VAUX configured to 5.0 V)
Low Threshold
Hysteresis
VAUX under-voltage detector (VAUX configured to 3.3 V, default value)
VAUX-UVTH
4.2
0.06
2.75
4.5
-
3.0
4.70
0.12
3.135
V
VAUX over-current threshold detector
VAUX set to 3.3 V
VAUX set to 5.0 V
VAUX-ILIM
250
230
360
330
450
430
mA
External capacitance (Guaranteed by design)
VAUX CAP
2.2
-
100
μF
UNDER-VOLTAGE RESET AND RESET FUNCTION, RST PIN
VDD under-voltage threshold down - 90% VDD (VDD 5.0 V)(16), (18)
VDD under-voltage threshold up - 90% VDD (VDD 5.0 V)
VDD under-voltage threshold down - 90% VDD (VDD 3.3 V)(16), (18)
VDD under-voltage threshold up - 90% VDD (VDD 3.3 V)
VRST-TH1
4.5
-
2.75
-
4.65
-
3.0
-
4.85
4.90
3.135
3.135
V
VDD under-voltage reset threshold down - 70% VDD (VDD 5.0 V)(17), (18)
VRST-TH2-5
2.95
3.2
3.45
V
Hysteresis
for threshold 90% VDD, 5.0 V device
for threshold 70% VDD, 5.0 V device
Hysteresis 3.3 V VDD
for threshold 90% VDD, 3.3 V device
VRST-HYST
20
10
10
-
-
-
150
150
150
mV
VDD under-voltage reset threshold down - LP VDD ON Mode
(Note: device change to Normal Request Mode). VDD 5.0 V
(Note: device change to Normal Request Mode). VDD 3.3 V
VRST-LP
4.0
2.75
4.5
3.0
4.85
3.135
V
Notes
15.
Current limitation will be reported by setting a flag.
16.
Generate a Reset or an INT. SPI programmable
17.
Generate a Reset
18.
In Non-LP Modes
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 28 V, -40 °C ≤ TA ≤ 125 °C, unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com