Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33904 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33904
Description  SBC Gen2 with CAN High Speed and LIN Interface
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33904 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33904 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33904 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
4
5
6
7
8
9
10
11
12
2
3
32
29
28
27
26
25
24
23
22
21
31
30
1
13
14
15
16
20
19
18
17
MC33903D
MISO
SCLK
MOSI
VSENSE
CS
VDD
TXD
SAFE
5V-CAN
CANL
SPLIT
DBG
CANH
VE
LIN1
GND
LIN2
MUX-OUT
VSUP
GND CAN
INT
RST
RXD
IO-0
32 pin exposed package
GROUND
RXD-L1
TXD-L1
VB
LIN-T2 / I/O-3
LIN-T1 / I/O-2
TXD-L2
GND
RXD-L2
4
5
6
7
8
9
10
11
12
2
3
32
29
28
27
26
25
24
23
22
21
31
30
1
13
14
15
16
20
19
18
17
MC33903S
MISO
SCLK
MOSI
VSENSE
CS
VDD
TXD
SAFE
5V-CAN
CANL
SPLIT
DBG
CANH
VE
LIN
GND
NC
MUX-OUT
VSUP
GND CAN
INT
RST
RXD
I/O-0
32 pin exposed package
GROUND
RXD-L
TXD-L
VB
I/O-3
LIN-T / I/O-2
NC
GND
NC
Note: MC33903D and MC33903S are footprint compatible.
GND - LEAD FRAME
GND - LEAD FRAME
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33903/4/5
PIN CONNECTIONS
Figure 14. 33905D, MC33905S, MC33904 and MC33903 Pin Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com