Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3501CSM4 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N3501CSM4
Description  HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3501CSM4 Datasheet(HTML) 1 Page - Seme LAB

  2N3501CSM4 Datasheet HTML 1Page - Seme LAB 2N3501CSM4 Datasheet HTML 2Page - Seme LAB 2N3501CSM4 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2N3501CSM4
Prelim. 12/98
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. e-mail sales@semelab.co.uk
Website http://www.semelab.co.uk
HIGH VOLTAGE, MEDIUM POWER, NPN
TRANSISTOR IN A
HERMETICALLY SEALED
CERAMIC SURFACE MOUNT PACKAGE
FOR HIGH RELIABILITY APPLICATIONS
FEATURES
• SILICON PLANAR EPITAXIAL NPN
TRANSISTOR
• HERMETIC CERAMIC SURFACE MOUNT
PACKAGE
• CECC SCREENING OPTIONS
• SPACE QUALITY LEVELS OPTIONS
• HIGH VOLTAGE
APPLICATIONS:
Hermetically sealed surface mount version of
the popular 2N3501 for high reliability / space
applications requiring small size and low
weight devices.
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage (IB = 0)
VEBO
Emitter – Base Voltage (IB = 0)
IC
Collector Current
PD
Total Device Dissipation TA = 25 °C
PD
Derate above 25°C
Tstg
Storage Temperature
Rja
Thermal Resistance Junction to Ambient
150V
150V
6V
300mA
500mW
2.85mW / °C
–65 to 200°C
350°C/W
MECHANICAL DATA
Dimensions in mm (inches)
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
LCC3 PACKAGE
Underside View
PAD 1 – Collector
PAD 2 – N/C
PAD 3 – Emitter
PAD 4 – Base
1
2
3
4
5.59 ± 0.13
(0.22 ± 0.005)
0.23
(0.009)
rad.
1.02 ± 0.20
(0.04 ± 0.008)
2.03 ± 0.20
(0.08 ± 0.008)
1.40 ± 0.15
(0.055 ± 0.006)
0.25 ± 0.03
(0.01 ± 0.001)
0.23
(0.009)
min.


Similar Part No. - 2N3501CSM4

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3501 SEMICOA-2N3501 Datasheet
32Kb / 1P
Chip Type 2C3501 Geometry 5620 Polarity NPN
logo
Boca Semiconductor Corp...
2N3501 BOCA-2N3501 Datasheet
169Kb / 5P
GENERAL PURPOSE TRANSISTOR (NPN SILICON)
logo
Microsemi Corporation
2N3501 MICROSEMI-2N3501 Datasheet
511Kb / 2P
NPN BIPOLAR TRANSISTOR
2N3501 MICROSEMI-2N3501 Datasheet
69Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
2N3501 CENTRAL-2N3501 Datasheet
22Kb / 1P
Small Signal Transistors
More results

Similar Description - 2N3501CSM4

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2222ACSM SEME-LAB-2N2222ACSM Datasheet
17Kb / 2P
HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2222ACSM4 SEME-LAB-2N2222ACSM4 Datasheet
15Kb / 2P
HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2222ADCSM SEME-LAB-2N2222ADCSM Datasheet
18Kb / 2P
DUAL HIGH SPEED, MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2369ACSM SEME-LAB-2N2369ACSM Datasheet
15Kb / 2P
HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2857CSM SEME-LAB-2N2857CSM Datasheet
19Kb / 2P
HIGH FREQUENCY NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3019CSM SEME-LAB-2N3019CSM Datasheet
19Kb / 2P
HIGH FREQUENCY, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3439CSM4 SEME-LAB-2N3439CSM4 Datasheet
20Kb / 2P
HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3439CSM4R SEME-LAB-2N3439CSM4R Datasheet
16Kb / 2P
HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3700DCSM SEME-LAB-2N3700DCSM Datasheet
22Kb / 2P
HIGH VOLTAGE, MEDIUM POWER, NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
ZTX653DCSM SEME-LAB-ZTX653DCSM Datasheet
14Kb / 2P
NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com