Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3501CSM4 Datasheet(PDF) 3 Page - Seme LAB

Part # 2N3501CSM4
Description  HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3501CSM4 Datasheet(HTML) 3 Page - Seme LAB

  2N3501CSM4 Datasheet HTML 1Page - Seme LAB 2N3501CSM4 Datasheet HTML 2Page - Seme LAB 2N3501CSM4 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
2N3501CSM4
Prelim. 12/98
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. e-mail sales@semelab.co.uk
Website http://www.semelab.co.uk
ELECTRICAL CHARACTERISTICS Continued (TA = 25°C unless otherwise stated)
1) Pulse test : Pulse Width < 300
µs ,Duty Cycle < 2%
2) ft is defined as the frequency at which |hfe|.ftest
SWITCHING CHARACTERISTICS
td
Delay Time
tr
Rise Time
ts
Storage Time
tf
Fall Time
IC = 150mA
IB1 = 15mA
VCC = 100V
VEB(off) = -2V
IC = 150mA
IB1 = 15mA
VCC = 100V
VEB(off) = -2V
IC = 150mA
VCC = 100V
IB1 = IB2 = 15mA
IC = 150mA
VCC = 100V
IB1 = IB2 = 15mA
20
35
800
80
ns



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com