Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGU7007 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGU7007
Description  SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU7007 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGU7007 Datasheet HTML 1Page - NXP Semiconductors BGU7007 Datasheet HTML 2Page - NXP Semiconductors BGU7007 Datasheet HTML 3Page - NXP Semiconductors BGU7007 Datasheet HTML 4Page - NXP Semiconductors BGU7007 Datasheet HTML 5Page - NXP Semiconductors BGU7007 Datasheet HTML 6Page - NXP Semiconductors BGU7007 Datasheet HTML 7Page - NXP Semiconductors BGU7007 Datasheet HTML 8Page - NXP Semiconductors BGU7007 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
BGU7007
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 20 May 2011
2 of 19
NXP Semiconductors
BGU7007
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
1.3 Applications
LNA for GPS, GLONASS and Galileo in smart phones, feature phones, tablet PCs,
Personal Navigation Devices, Digital Still Cameras, Digital Video Cameras, RF Front
End modules, complete GPS chipset modules and theft protection (laptop, ATM)
1.4 Quick reference data
[1]
PCB losses are subtracted.
[2]
Including PCB losses.
[3]
f1 = 1713 MHz; f2 = 1851 MHz; P1 =P2 = −30 dBm.
2.
Pinning information
Table 1.
Quick reference data
f = 1559 MHz to 1610 MHz; VCC = 1.8 V; Pi < −40 dBm; Tamb =25 °C; input matched to 50 Ω using
a 5.6 nH inductor; unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max Unit
VCC
supply voltage
RF input AC coupled
1.5
-
2.85 V
ICC
supply current
VENABLE ≥ 0.8 V
Pi < −40 dBm
3.4
4.8
6.1
mA
Pi = −20 dBm
8.9
12.8 15.9 mA
Gp
power gain
Pi < −40 dBm, no jammer
16.5 18.5 20.5 dB
Pi = −20 dBm
17.5 19.5 21.5 dB
NF
noise figure
Pi < −40 dBm, no jammer
[1] -
0.85 1.2
dB
Pi < −40 dBm, no jammer
[2] -
0.90 1.3
dB
Pi = −20 dBm
-
1.2
1.6
dB
Pi(1dB)
input power at 1 dB
gain compression
f = 1559 MHz to 1610 MHz
VCC =1.5 V
−16 −13 -
dBm
VCC =1.8 V
−15 −12 -
dBm
VCC =2.85V
−14 −11 -
dBm
IP3i
input third-order intercept point
f = 1.575 GHz
VCC =1.5 V
[3] 14
-
dBm
VCC =1.8 V
[3] 14
-
dBm
VCC =2.85V
[3] 25
-
dBm
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1GND
2GND
3RF_IN
4VCC
5
ENABLE
6RF_OUT
bottom view
3
2
1
4
5
6
sym129
4
5
21
6
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com