Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGU7007 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGU7007
Description  SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU7007 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGU7007 Datasheet HTML 1Page - NXP Semiconductors BGU7007 Datasheet HTML 2Page - NXP Semiconductors BGU7007 Datasheet HTML 3Page - NXP Semiconductors BGU7007 Datasheet HTML 4Page - NXP Semiconductors BGU7007 Datasheet HTML 5Page - NXP Semiconductors BGU7007 Datasheet HTML 6Page - NXP Semiconductors BGU7007 Datasheet HTML 7Page - NXP Semiconductors BGU7007 Datasheet HTML 8Page - NXP Semiconductors BGU7007 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
BGU7007
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 20 May 2011
3 of 19
NXP Semiconductors
BGU7007
SiGe:C Low Noise Amplifier MMIC for GPS, GLONASS and Galileo
3.
Ordering information
4.
Marking
5.
Limiting values
[1]
Tsp is the temperature at the soldering point of the emitter lead.
[2]
Due to internal ESD diode protection, the applied voltage should not exceed the specified maximum in
order to avoid excess current.
[3]
The RF input and RF output are AC coupled through internal DC blocking capacitors.
6.
Thermal characteristics
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BGU7007
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
Table 4.
Marking codes
Type number
Marking code
BGU7007
B6
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
RF input AC coupled
−0.5
3.1
V
VENABLE
voltage on pin ENABLE
VCC ≥ 2.5 V
−0.5
3.1
V
VCC < 2.5 V
[2]
−0.5
VCC +0.6 V
VRF_IN
voltage on pin RF_IN
DC
VCC ≥ 3.0 V
[3]
−0.5
3.6
V
VCC < 3.0 V
[2][3]
−0.5
VCC +0.6 V
VRF_OUT
voltage on pin RF_OUT
DC
VCC ≥ 1.8 V
[3]
−0.5
3.6
V
VCC < 1.8 V
[2][3]
−0.5
VCC +1.8 V
Pi
input power
-
0
dBm
Ptot
total power dissipation
Tsp ≤ 130 °C
[1]
55
mW
Tstg
storage temperature
−65
150
°C
Tj
junction temperature
-
150
°C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction to solder point
225
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com