Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8531U Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8531U
Description  34 x 128 pixel matrix driver Single-chip LCD controller and driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531U Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8531U Datasheet HTML 1Page - NXP Semiconductors PCF8531U Datasheet HTML 2Page - NXP Semiconductors PCF8531U Datasheet HTML 3Page - NXP Semiconductors PCF8531U Datasheet HTML 4Page - NXP Semiconductors PCF8531U Datasheet HTML 5Page - NXP Semiconductors PCF8531U Datasheet HTML 6Page - NXP Semiconductors PCF8531U Datasheet HTML 7Page - NXP Semiconductors PCF8531U Datasheet HTML 8Page - NXP Semiconductors PCF8531U Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
PCF8531
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 May 2011
2 of 51
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
Icon mode: 3 V to 9 V
Low-power consumption, suitable for battery operated systems
CMOS compatible inputs
Manufactured in silicon gate CMOS process
3.
Applications
Telecommunication systems
Automotive information systems
Point-of-sale terminals
Instrumentation
4.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCF8531U/2DA/1
-
chip with bumps in tray
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com