Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8531U Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8531U
Description  34 x 128 pixel matrix driver Single-chip LCD controller and driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531U Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8531U Datasheet HTML 17Page - NXP Semiconductors PCF8531U Datasheet HTML 18Page - NXP Semiconductors PCF8531U Datasheet HTML 19Page - NXP Semiconductors PCF8531U Datasheet HTML 20Page - NXP Semiconductors PCF8531U Datasheet HTML 21Page - NXP Semiconductors PCF8531U Datasheet HTML 22Page - NXP Semiconductors PCF8531U Datasheet HTML 23Page - NXP Semiconductors PCF8531U Datasheet HTML 24Page - NXP Semiconductors PCF8531U Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
PCF8531
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 May 2011
21 of 51
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
9.2 Function set
9.2.1 PD
When PD = 1, the power-down mode of the LCD driver is active:
• All LCD outputs at VSS (display off)
• Power-On Reset (POR) detection active, oscillator off
• VLCD can be disconnected
• I2C-bus is operational, commands can be executed
• RAM contents not cleared; RAM data can be written
• Register settings remain unchanged
9.2.2 V
When V = 0 the horizontal addressing is selected. The data is written into the DDRAM as
shown in Figure 10. When V = 1 the vertical addressing is selected. The data is written
into the DDRAM as shown in Figure 9. Icon data is written independently of V when
Y address is 5.
9.3 Set Y address
Bits Y2, Y1, and Y0 define the Y address vector of the display RAM (see Table 6).
9.4 Set X address
The X address points to the columns. The range of X is 0 to 127 (7Fh).
9.5 Set multiplex rate
M[1:0] selects the multiplex rate (see Table 7).
9.6 Display control (D, E, and IM)
Bits D and E select the display mode (see Table 13). Bit IM (see Table 12) sets the display
to icon mode.
Table 6.
Y address
Y2
Y1
Y0
Bank
0000
0011
0102
0113
1004
1015 (icons)
Table 7.
Multiplex rates
Multiplex rate
M1
M0
1:17
0
0
1:26
1
0
1:34
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com