Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8531U2DA Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF8531U2DA
Description  34 x 128 pixel matrix driver Single-chip LCD controller and driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531U2DA Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF8531U2DA Datasheet HTML 27Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 28Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 29Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 30Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 31Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 32Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 33Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 34Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
PCF8531
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 May 2011
31 of 51
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
10.3 Command decoder
The command decoder identifies command words that arrive on the I2C-bus. The most
significant bit of a control byte is the continuation bit Co. If this bit is logic 1, it indicates
that only one data byte (either command or RAM data) will follow. If this bit is logic 0, it
indicates that a series of data bytes (either command or RAM data) may follow. The DB6
bit of a control byte is the RAM data/command bit RS. When this bit is logic 1, it indicates
that another RAM data byte will be transferred next. If the bit is logic 0, it indicates that
another command byte will be transferred next.
• Pairs of bytes; information in the second byte, the first byte determines whether
information is display or instruction data
• Stream of information bytes after Co = 0; display or instruction data, depending on last
RS.
Fig 18. Slave address and control byte
mgs474
S
011110
SA0
A
slave address
R/W
Co
RS
XXXXXX
control byte
Fig 19. Master transmits to slave receiver; write mode
mgs475
S 0 11110
S
A
0
0A
acknowledge
from PCF8531
acknowledge
from PCF8531
acknowledge
from PCF8531
acknowledge
from PCF8531
acknowledge
from PCF8531
1
control byte
A
data byte
data byte
n
≥ 0 bytes
1 byte
slave address
MSB . . . . . . . . . . . LSB
2n
≥ 0 bytes
A
Co
Co
0A
A P
RS
R/W
control byte
RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com