Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8531U2DA Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCF8531U2DA
Description  34 x 128 pixel matrix driver Single-chip LCD controller and driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8531U2DA Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCF8531U2DA Datasheet HTML 30Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 31Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 32Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 33Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 34Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 35Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 36Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 37Page - NXP Semiconductors PCF8531U2DA Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
PCF8531
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 6 — 16 May 2011
34 of 51
NXP Semiconductors
PCF8531
34 x 128 pixel matrix driver
13. Static characteristics
Table 15.
Static characteristics
VDD1 = 1.8 V (1.9 V) to 5.5 V; VDD2 and VDD3 = 2.5 V to 4.5 V; VSS1 = VSS2 =0V; VDD1 to VDD3 ≤ VLCD ≤ 9.0 V;
Tamb = −40 °Cto+85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VLCD
LCD supply voltage
[1] 4.0
-
9.0
V
icon mode
[1] 3.0
-
9.0
V
VDD1
supply voltage 1
logic supply
1.9
-
5.5
V
Tamb ≥ −25 °C1.8
-
5.5
V
VDD2
supply voltage 2
multiplier supply; LCD voltage
internally generated
2.5
-
4.5
V
VDD3
supply voltage 3
multiplier supply; LCD voltage
internally generated
2.5
-
4.5
V
IDD
supply current
power-down mode; internal VLCD
-2
10
μA
normal mode; internal VLCD
[2][3] -
170
350
μA
normal mode; external VLCD
[2] -10
50
μA
IDD(LCD)
LCD supply current
normal mode; external VLCD
[2][4] -25
100
μA
icon mode; external VLCD
[2][5] -15
70
μA
VPOR
power-on reset voltage
[6] 0.9
1.2
1.6
V
Logic
VIL
LOW-level input voltage
VSS
-0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-VDD
V
IOL(SDA)
LOW-level output current
on pin SDA
VOL = 0.4 V; VDD = 5.0 V
3.0
-
-
mA
ILI
input leakage current
VI = VDD or VSS
−1-
+1
μA
Column and row outputs
RO
output resistance
column outputs: C0 to C127
[7] -12
20
k
Ω
row outputs: R0 to R33
-
12
20
k
Ω
ΔV
bias
bias voltage variation
outputs R0 to R33 and
C0 to C127
−100
0
+100
mV
ΔV
LCD
LCD voltage variation
TC1 to TC7
[8] --
±3.9
%
TC
temperature coefficient
Tamb = −20 °C to +70 °C
TC0; TC[2:0] = 000
-
0
-
%/K
TC1; TC[2:0] = 001
-
−0.026
-
%/K
TC2; TC[2:0] = 010
-
−0.039
-
%/K
TC3; TC[2:0] = 011
-
−0.052
-
%/K
TC4; TC[2:0] = 100
-
−0.078
-
%/K
TC5; TC[2:0] = 101
-
−0.13
-
%/K
TC6; TC[2:0] = 110
-
−0.19
-
%/K
TC7; TC[2:0] = 111
-
−0.26
-
%/K
Tints
intersection temperature
-
27
-
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com