Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4392CSM Datasheet(PDF) 1 Page - Seme LAB

Part # 2N4392CSM
Description  SMALL SIGNAL N.CHANNEL J.FET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4392CSM Datasheet(HTML) 1 Page - Seme LAB

  2N4392CSM Datasheet HTML 1Page - Seme LAB 2N4392CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 7/94
2N4392CSM
LAB
SEME
SMALL SIGNAL
N–CHANNEL J–FET IN A
HERMETICALLY SEALED
CERAMIC SURFACE MOUNT PACKAGE
FOR HIGH RELIABILITY APPLICATIONS
FEATURES
• HERMETIC CERAMIC SURFACE MOUNT
PACKAGE (SOT23 COMPATIBLE)
• CECC SCREENING OPTIONS
• SPACE QUALITY LEVELS OPTIONS
APPLICATIONS:
Hermetically sealed surface mount version
of the popular 2N4392 for high reliability /
space applications requiring small size
and low weight devices.
VDS
Drain – Source Voltage
VDG
Drain – Gate Voltage
VGS
Gate – Source Voltage
IG
Forward Gate Current
PD
Power Dissipation @ TA = 25°C
Derate above 25°C
TJ , TSTG
Operating Junction and Storage Temperature Range
40V
40V
40V
50mA
500mW
2.85mW / °C
–65 to +175°C
MECHANICAL DATA
Dimensions in mm (inches)
SOT23 CERAMIC
(LCC1 PACKAGE)
ABSOLUTE MAXIMUM RATINGS (Tamb = 25°C unless otherwise stated)
PAD 1 – Source
Underside View
PAD 2 – Drain
PAD 3 – Gate
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3


Similar Part No. - 2N4392CSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N4392CSM SEME-LAB-2N4392CSM Datasheet
19Kb / 2P
SMALL SIGNAL N?밅HANNEL J?밊ET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N4392CSM SEME-LAB-2N4392CSM_03 Datasheet
19Kb / 2P
SMALL SIGNAL N?밅HANNEL J?밊ET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results

Similar Description - 2N4392CSM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N4393CSM SEME-LAB-2N4393CSM Datasheet
18Kb / 2P
SMALL SIGNAL N.CHANNEL J.FET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N918CSM SEME-LAB-2N918CSM Datasheet
19Kb / 2P
GENERAL PURPOSE, SMALL SIGNAL NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
ZTX753DCSM SEME-LAB-ZTX753DCSM Datasheet
17Kb / 2P
PNP DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
HCT700 SEME-LAB-HCT700 Datasheet
19Kb / 2P
COMPLEMENTARY SWITCHING TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Sames
2N4393DCSM SAMES-2N4393DCSM Datasheet
53Kb / 2P
SMALL SIGNAL DUAL N-CHANNEL J-FET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Seme LAB
BSX64SMD05 SEME-LAB-BSX64SMD05 Datasheet
14Kb / 1P
Bipolar NPN Device in a Hermetically sealed Ceramic Surface Mount Package for High Reliability Applications
2N4416CSMA SEME-LAB-2N4416CSMA Datasheet
35Kb / 2P
SMALL SIGNAL N-CHANNEL J-FET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2920DCSM SEME-LAB-2N2920DCSM_03 Datasheet
29Kb / 4P
DUAL NPN TRANSISTORS IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N4392CSM SEME-LAB-2N4392CSM_03 Datasheet
19Kb / 2P
SMALL SIGNAL N?밅HANNEL J?밊ET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N4393CSM SEME-LAB-2N4393CSM_05 Datasheet
28Kb / 2P
SMALL SIGNAL N?밅HANNEL J?밊ET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com