Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4392CSM Datasheet(PDF) 2 Page - Seme LAB

Part # 2N4392CSM
Description  SMALL SIGNAL N.CHANNEL J.FET IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4392CSM Datasheet(HTML) 2 Page - Seme LAB

  2N4392CSM Datasheet HTML 1Page - Seme LAB 2N4392CSM Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V
nA
mA
V
Ω
pF
Ω
ns
40
–2
–5
1
0.1
0.1
25
75
0.4
60
14
3.5
60
5
20
15
35
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 7/94
2N4392CSM
LAB
SEME
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (Tamb = 25°C unless otherwise stated)
VDS = 0
IG = 1µA
VDS = 20V
ID = 1nA
VDS = 0
IG = 1mA
VDS = 0
VGS = 20V
VDS = 20V
VGS = –7V
VDS = 20V
VGS = 0
VGS = 0
ID = 6mA
VGS = 0
ID = 1mA
VDS = 20V
VGS = 0
f = 1MHz
VDS = 0
VGS = –7V
f = 1MHz
VGS = 0
ID = 1mA
ID(on) = 6mA
VGS(off) = 7V
ID(on) = 6mA
VGS(off) = 7V
V(BR)GSS Gate – Source Breakdown Voltage
VGS
Gate – Source Voltage
VGS(f)
Gate – Source Forward Voltage
IGSS
Gate Reverse Current
ID(off)
Drain Cut–off Current
IDSS*
Zero Gate Voltage Drain Current
VDS(on)
Drain – Source On Voltage
RDS(on)
Drain – Source On Resistance
CISS
Input Capacitance
CRSS
Reverse Transfer Capacitance#
RDS(on)
Static Drain – Source On Resistance
tr
Rise Time
tf
Fall Time
ton
Turn-On Time
toff
Turn-Off Time



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com