Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DX5 Datasheet(PDF) 3 Page - GREATECS

Part # DX5
Description  End Stackable DIP Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

DX5 Datasheet(HTML) 3 Page - GREATECS

  DX5 Datasheet HTML 1Page - GREATECS DX5 Datasheet HTML 2Page - GREATECS DX5 Datasheet HTML 3Page - GREATECS DX5 Datasheet HTML 4Page - GREATECS DX5 Datasheet HTML 5Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DIP Switches
End Stackable DIP Switches
DX5 Series
sales@greatecs.com
www.greatecs.com
3
7
Stop
Strength
A static load of 1 kgf is applied in the
operating direction and pulling direction
operated for a period of 15 seconds.
There shall be no sign of
damage mechanically.
1)Soldering Temperature :
PROD SERIES
TEMP
TIME
THROUGH HOLE
TYPE
260
±5
5±1 sec.
SMT TYPE
SEE PAGE 4
8
Soldering
Heat
Resistance
2)Duration of Solder Immersion:
5±1 sec.
3)Frequency of Soldering Process:
2 times max.
(PCB is 1.6mm in thickness.)
1)Contact Resistance :
200m
Max
2)As shown in item 3~6
9
Vibration
Shall be vibrated in accordance with
Method 201A of MIL-STD-202F
1)Frequency: 10-55-10 Hz 1 min/cycle.
2)Direction: 3 vertical directions including the
direction of operation.
3)Test Time: 2 hours each direction.
As shown in item 2~6
10
Shock
Shall be shocked in accordance with Method
213B condition A of MIL-STD-202F
1)Acceleration: 50G.
2)Action Time : 11 ± 1 m sec.
3)Testing Direction: 6 sides.
4)Test cycle: 3 times in each
direction
As shown in item 2~6
11 Solderability
THT Soldering Temperature:245±3
Lead-Free solder
M705E JIS Z 3282
Class A
(Tin 96.5%
Silver 3%
Copper 0.5%)
SMT SEE PAGE 4
Flux: 5-10 seconds.
Duration of solder Immersion:
5±1 sec.
No anti-soldering and the
coverage of dipping into
solder must more than 75%
was requested.
12
Operation
Life
Measurements shall be made following
the test set forth below:
1)25 mA, 24V DC resistive load
)2)Rate of Operation: 15~20 cycles/ minute
3)Cycle of Operation: 2000 cycles.
1)As show in item 3,4
2)Contact Resistance:
500m
max.
(final-after test)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com